Electronic Components Datasheet Search
  English  ▼

X  

ZQLSC-1100 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZQLSC-1100
Description  Low Noise Amplifiers 50??600 to 2400 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZQLSC-1100 Datasheet(HTML) 2 Page - Mini-Circuits

  ZQLSC-1100 Datasheet HTML 1Page - Mini-Circuits ZQLSC-1100 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Performance Curves at 25°C
ZQLSC-SERIES
ZQLSC-1100
ZQLSC-1100
NOISE FIGURE
0.0
0.5
1.0
1.5
2.0
600
700
800
900
1000
1100
FREQUENCY (MHz)
ZQLSC-2400
ZQLSC-1100
GAIN
10
12
14
16
18
20
22
24
26
28
30
600
700
800
900
1000
1100
FREQUENCY (MHz)
ZQLSC-1100
IP3
20
25
30
35
40
600
700
800
900
1000
1100
FREQUENCY (MHz)
ZQLSC-2400
NOISE FIGURE
0.0
0.5
1.0
1.5
2.0
1400
1600
1800
2000
2200
2400
FREQUENCY (MHz)
ZQLSC-2400
GAIN
10
12
14
16
18
20
22
24
26
28
30
1400
1600
1800
2000
2200
2400
FREQUENCY (MHz)
ZQLSC-2400
IP3
20
25
30
35
40
45
50
1400
1600
1800
2000
2200
2400
FREQUENCY (MHz)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com