Electronic Components Datasheet Search
  English  ▼

X  

PS9031 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9031
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9031 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9031 Datasheet HTML 1Page - Renesas Technology Corp PS9031 Datasheet HTML 2Page - Renesas Technology Corp PS9031 Datasheet HTML 3Page - Renesas Technology Corp PS9031 Datasheet HTML 4Page - Renesas Technology Corp PS9031 Datasheet HTML 5Page - Renesas Technology Corp PS9031 Datasheet HTML 6Page - Renesas Technology Corp PS9031 Datasheet HTML 7Page - Renesas Technology Corp PS9031 Datasheet HTML 8Page - Renesas Technology Corp PS9031 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
R08DS0131EJ0200 Rev.2.00
Page 1 of 18
Mar 11, 2016
Data Sheet
PS9031
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
DESCRIPTION
The PS9031 is an optically coupled isolator containing a GaAlAs LED on the input side and a photodiode, a signal
processing circuit and power MOSFETs on the output side on one chip.
FEATURES
 Long creepage distance (8 mm MIN.)
 Large peak output current (2.5 A MAX., 2.0 A MIN.)
 High speed switching (t
PLH tPHL = 175 ns MAX.)
 UVLO (Under Voltage Lock Out) protection with hysteresis
 High common mode transient immunity (CM
H, CML = 50 kV/s MIN.)
 Operating Ambient Temperature (125 C MAX.)
 Embossed tape product : PS9031-F3 : 3000 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Double protection
 CSA approved: CA5A, CAN/CSA-C22.2 No.60065, CAN/CSA-C22.2 No.60950-1, Reinforced insulation
 VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
 IGBT, Power MOS FET Gate Driver
 Industrial inverter
 AC Servo
R08DS0131EJ0200
Rev.2.00
Mar 11, 2016
Start of mass production
Oct.2015
1. Anode
2. Cathode
3. VEE
4. VO
5. VCC
PIN CONNECTION
(Top View)
53
12
4


Similar Part No. - PS9031

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS9030AD SENSORTECHNICS-PS9030AD Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9030AE SENSORTECHNICS-PS9030AE Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9030AF SENSORTECHNICS-PS9030AF Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9030AG SENSORTECHNICS-PS9030AG Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9030GD SENSORTECHNICS-PS9030GD Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
More results

Similar Description - PS9031

ManufacturerPart #DatasheetDescription
logo
NEC
PS9302L NEC-PS9302L Datasheet
182Kb / 19P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9905 RENESAS-PS9905_15 Datasheet
322Kb / 20P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9207A RENESAS-RV1S9207A Datasheet
1Mb / 19P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
Mar 29,2021
RV1S9231A RENESAS-RV1S9231A Datasheet
5Mb / 19P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com