Electronic Components Datasheet Search
  English  ▼

X  

RGP50B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RGP50B
Description  5 Amp. Glass Passivated Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RGP50B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RGP50B Datasheet HTML 1Page - List of Unclassifed Manufacturers RGP50B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
10
10
10
10
VF ' instantaneous forward voltage (V)
5
4
3
2
T = 25ºC
j
0
1
2
3
4
5
6
7
Tamb, ambient temperature (ºC)
Rating and Characteristic Curves
RGP50
2.6
2.2
1.8
1.4
0.6
0
1
175
150
100
50
0
25
75
125
10mm. - 10mm.
TYPICAL FORWARD CHARACTERISTIC
FORWARD CURRENT DERATING CURVE
1
1000
400
200
100
40
20
Number of cycles at 60Hz.
1 cycle
IFM
100
20
10
4
2
1
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com