Electronic Components Datasheet Search
  English  ▼

X  

PS8902 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS8902
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8902 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS8902 Datasheet HTML 2Page - Renesas Technology Corp PS8902 Datasheet HTML 3Page - Renesas Technology Corp PS8902 Datasheet HTML 4Page - Renesas Technology Corp PS8902 Datasheet HTML 5Page - Renesas Technology Corp PS8902 Datasheet HTML 6Page - Renesas Technology Corp PS8902 Datasheet HTML 7Page - Renesas Technology Corp PS8902 Datasheet HTML 8Page - Renesas Technology Corp PS8902 Datasheet HTML 9Page - Renesas Technology Corp PS8902 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PS8902
R08DS0128EJ0100 Rev. 1.00
Page 6 of 15
Aug 24, 2015
Notes
*1 Test circuit for propagation delay time
Pulse input (IF)
VO (Monitor)
Input
(Monitor)
Input
Output
1.5 V
VOH
VOL
tPHL
tPLH
(IF = 7.5 mA)
50%
0 V
5 V
47 Ω
(PW = 1 µs,
Duty cycle = 1/10)
RL = 20 kΩ
VCC = 5 V
0.1 µF
CL = 100 pF
PS8902
Remark
CL includes probe and stray wiring capacitance.
*2
Test circuit for common mode transient immunity
VO (Monitor)
0.1
µF
VCM
VCM =1.5KV
10 %
90 %
10 %
90 %
0 V
5 V
2 V
tr
tf
VO
VO
(IF = 0 mA)
(IF = 16 mA)
0.8 V
VOL
VCM
18
27
36
45
IF
VCC = 5 V
RL
CL = 15 pF
SHIELD
PS8902
Remark
CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static electricity
when handling.
2. By-pass capacitor of 0.1
F is used between VCC and GND near device. Also, ensure that the distance between the leads of the
photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com