Electronic Components Datasheet Search
  English  ▼

X  

ALD212908SAL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD212908SAL
Description  PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE MATCHED PAIR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212908SAL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD212908SAL Datasheet HTML 1Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 2Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 3Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 4Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 5Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 6Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 7Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 8Page - Advanced Linear Devices ALD212908SAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ALD212908A/ALD212908
Advanced Linear Devices
2 of 12
Notes:
1
Consists of junction leakage currents
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V V- = GND TA = 25°C unless otherwise specified
ALD212908A
ALD212908
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Gate Threshold Voltage
VGS(th)
0.78
0.80
0.82
0.78
0.80
0.82
V
IDS =20µA, VDS = 0.1V
Offset Voltage
VOS
12
2
10
mV
VGS(th)M1 - VGS(th)M2
Offset Voltage Tempco
TCVOS
55
µV/°CVDS1 = VDS2
GateThreshold Voltage Tempco
TCVGS(th)
-1.7
-1.7
mV/°CID = 20µA, VDS = 0.1V
0.0
0.0
ID = 760µA, VDS = 0.1V
+0.6
+1.6
ID = 1.5 mA, VDS = 0.1V
On Drain Current
IDS(ON)
79
79
mA
VGS = +3.8V, VDS = +3V
85
85
µAVGS = +0.9V, VDS = +0.1V
Forward Transconductance
GFS
38
38
mmho
VGS = +3.8V
VDS = +3.0V
Transconductance Mismatch
∆GFS
1.8
1.8
%
Output Conductance
GOS
2.3
2.3
mmho
VGS = +3.8V
VDS = +3.0V
Drain Source On Resistance
RDS(ON)
14
14
Ω
VGS = +5.8V
VDS = +0.1V
Drain Source On Resistance
RDS(ON)
55
KΩ
VGS = +0.8V, VDS = +0.1V
1.18
1.18
VGS = +0.9V, VDS = +0.1V
Drain Source On Resistance
∆RDS(ON)
1.8
1.8
%
VGS = +5.8V
Tolerance
VDS = +0.1V
Drain Source On Resistance
∆RDS(ON)
0.6
0.6
%
Mismatch
Drain Source Breakdown
BVDSX
10
10
V
V- = VGS = -0.2V
Voltage
IDS = 10µA
Drain Source Leakage Current1
IDS(OFF)
10
400
10
400
pA
VGS = -0.2V, VDS = +5V
V- = -5V
44
nA
TA = 125°C
Gate Leakage Current1
IGSS
5
200
5
200
pA
VGS = +5V, VDS = 0V
11
nA
TA = 125°C
Input Capacitance
CISS
30
30
pF
Transfer Reverse Capacitance
CRSS
22
pF
Turn-on Delay Time
ton
10
10
ns
V+ = 5V, RL = 5KΩ
Turn-off Delay Time
toff
10
10
ns
V+ = 5V, RL = 5KΩ
Crosstalk
60
60
dB
f = 100KHz
ABSOLUTE MAXIMUM RATINGS
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Operating Current
80mA
Power dissipation
500mW
Operating temperature range SAL, PAL
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com