Electronic Components Datasheet Search
  English  ▼

X  

ALD310702ASCL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD310702ASCL
Description  PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD310702ASCL Datasheet(HTML) 6 Page - Advanced Linear Devices

  ALD310702ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD310702ASCL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ALD310702A/ALD310702, Vers. 1.1
Advanced Linear Devices, Inc.
6 of 9
TYPICAL APPLICATIONS
LOW VOLTAGE CURRENT SOURCE W/ GATE CONTROL
LOW VOLTAGE CURRENT SOURCE MIRROR
LOW VOLTAGE DIFFERENTIAL AMPLIFIER
0.5% PRECISION LOW VOLTAGE CURRENT SOURCE MULTIPLICATION
ISET
RSET
M3
V+
I SOURCE
M1, M2: N-Channel MOSFET
M3, M4: P-Channel MOSFET
M1
M2
V+ = +1.0V to +5.0V
M4
1/2 ALD1108xx,
1/2 ALD2108xx,
ALD1109xx or
ALD2129xx
1/2 ALD310702
ISOURCE = ISET
V+ - Vt
RSET
=
M4
ISOURCE
RSET
M1
M3
ISET
ON
OFF
Digital Logic Control
of Current Source
1/4 ALD1108xx,
1/4 ALD2108xx,
1/2 ALD1109xx or
1/2 ALD2129xx
M1
: N-Channel MOSFET
M3, M4: P-Channel MOSFET
1/2 ALD310702
V+ = +1.0V to +5.0V
PMOS PAIR
M4
VIN-
NMOS PAIR
M2
M1
VIN+
Current
Source
M3
VOUT
M1, M2: N-Channel MOSFET
M3, M4: P-Channel MOSFET
V+ = +5.0V
1/2 ALD1108xx,
1/2 ALD2108xx,
ALD1109xx or
ALD2129xx
1/2 ALD310702
MNSET: MN1, MN2..MNX: N-Channel MOSFET
ISOURCE = ISET . X . Y
MPSET
V+ = +1.0V to +5.0V
A
MPSET: MP1, MP2..MPY: P-Channel MOSFET
MP1
MP2
MP3
MPY
ALD1108xx or
ALD2108xx
ISET
ISOURCE = ISET . X
RSET
MNSET
MN1
V+ = +1.0V to +5.0V
A
ALD310702
MN2
MN3
MNX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com