Electronic Components Datasheet Search
  English  ▼

X  

ALD310708ASCL Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD310708ASCL
Description  PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ENHANCED MODE MATCHED PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD310708ASCL Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD310708ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD310708ASCL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ALD310708A/ALD310708, Vers. 1.5
Advanced Linear Devices, Inc.
5 of 9
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
TRANSCONDUCTANCE vs.
GATE SOURCE OVERVOLTAGE
GATE SOURCE OVERVOLTAGE - VGS-VGS(th) (V)
700
600
500
400
300
200
100
0
800
1.0
-1.0
0.0
-.2.0
-3.0
-4.0
-5.0
VDS = -0.1V
V+ = 0V
V- = -5V
TRANSCONDUCTANCE vs.
AMBIENT TEMPERATURE
-50
0
-25
+25
+50
+75
+100
AMBIENT TEMPERATURE - TA (°C)
1000
500
0
750
250
+125
VGS = VGS(th) - 4.0V
VDS = -5.0V
VGS = VGS(th) - 1.0V
VDS = -5.0V
VGS = VGS(th) - 0.5V
VDS = -5.0V
TRANSCONDUCTANCE vs.
GATE THRESHOLD VOLTAGE
GATE THRESHOLD VOLTAGE - VGS(th) (V)
750
500
250
0
1000
0.2
-0.2
0
-0.4
-0.6
-0.8
-1.0
VGS = VGS(th) - 4.0V
VDS = -5.0V
VGS = VGS(th) - 1.0V
VDS = -5.0V
VGS = VGS(th) - 0.5V
VDS = -5.0V
V+ = 0V
V- = -5V
TA = +25°C
OUTPUT CONDUCTANCE
vs. AMBIENT TEMPERATURE
-50
-25
0
+25
+50
+125
+100
+75
AMBIENT TEMPERATURE - TA (°C)
70
60
50
40
30
20
10
0
VGS = VGS(th) - 4.0V
VDS = -5.0V
VGS = VGS(th) - 1.0V
VDS = -5.0V
VGS = VGS(th) - 0.5V
VDS = -5.0V
-60
-50
-40
-30
-20
-10
0
0.0
-0.8
-0.4
-1.2
-0.2
0.4
-1.6
ZERO TEMPERATURE COEFFICIENT (ZTC)
-1.0
-0.6
-1.4
0.2
GATE SOURCE OVERDRIVE VOLTAGE
VGS - VGS(th) (V)
VDS = -0.1V
V+ = 0V
V- = -5V
-45°C
0°C
+25°C
+125°C
+85°C
OUTPUT CONDUCTANCE
vs. DRAIN SOURCE ON VOLTAGE
0
-1
-3
-4
-5
-2
1000
600
0
200
800
400
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
VGS(th) - 4.0V
VGS(th) - 1.0V
VGS(th) - 0.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com