Electronic Components Datasheet Search
  English  ▼

X  

RN1421 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1421
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1421 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1421 Datasheet HTML 1Page - Toshiba Semiconductor RN1421 Datasheet HTML 2Page - Toshiba Semiconductor RN1421 Datasheet HTML 3Page - Toshiba Semiconductor RN1421 Datasheet HTML 4Page - Toshiba Semiconductor RN1421 Datasheet HTML 5Page - Toshiba Semiconductor RN1421 Datasheet HTML 6Page - Toshiba Semiconductor RN1421 Datasheet HTML 7Page - Toshiba Semiconductor RN1421 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN1421
~RN1427
2002-02-08
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1421,RN1422,RN1423,RN1424
RN1425,RN1426,RN1427
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l High current type (IC (max) = 800mA)
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Low VCE (sat)
l Complementary to RN2401~RN2406
Equivalent Circuit and Bias Resister Values
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1421~1427
VCEO
50
V
RN1421~1424
10
RN1425, 1426
5
Emitter-base voltage
RN1427
VEBO
6
V
Collector current
IC
800
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1421~1427
Tstg
−55~150

°C
Unit: mm
JEDEC
―
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)
Type No.
R1 (kΩ)
R2 (kΩ)
RN1421
1
1
RN1422
2.2
2.2
RN1423
4.7
4.7
RN1424
10
10
RN1425
0.47
10
RN1426
1
10
RN1427
2.2
10


Similar Part No. - RN1421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1421 TOSHIBA-RN1421 Datasheet
547Kb / 8P
Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1421 TOSHIBA-RN1421_07 Datasheet
547Kb / 8P
Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com