Electronic Components Datasheet Search
  English  ▼

X  

RGP50M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RGP50M
Description  5 Amp. Glass Passivated Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RGP50M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RGP50M Datasheet HTML 1Page - List of Unclassifed Manufacturers RGP50M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
8.7 ± 0.3
59.5 ± 1
RGP
50A
50
RGP50A........ RGP50M
5 Amp. Glass Passivated Fast Recovery Rectifier
• Glass passivated junction
• High surge capability
• The plastic material carries
U/L recognition 94 V-0
• Terminals: Axial Leads
• Polarity: Color band denotes cathode
Mounting instructions
1. Min. distance from body to soldering point,
4 mm.
2. Max. solder temperature, 350 °C.
3. Max. soldering time, 3.5 sec.
4. Do not bend lead at a point closer than
4 mm. to the body.
Dimensions in mm.
P-6
(Plastic)
Maximum Ratings, according to IEC publication No. 134
Peak recurrent reverse voltage (V)
Forward current at Tamb = 55 °C
Recurrent peak forward current
8.3 ms. peak forward surge current
V
RRM
I
F(AV)
I
FRM
I
FSM
t
rr
5 A
60 A
300 A
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 175 °C
– 65 to + 175 °C
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 5 A
I
R
R
thj-a
at 25 °C
Max. thermal resistance (I = 10 mm.)
Max. reverse current at V
RRM
Voltage
50 to 1000 V.
Current
5.0 A. at 55 °C.
I
F = 0.5 A
I
R = 1 A
I
RR = 0.25 A
150 ns
RGP
50B
100
RGP
50D
200
RGP
50G
400
RGP
50J
600
RGP
50K
800
RGP
50M
1000
250 ns
500 ns
5 µ A
1.3 V
10 °C/W
(Jedec Method)
Max. reverse recovery
time from
E
RSM
Maximum non repetitive peak
reverse avalanche energy.
IR = 1A ; TJ = 25 ºC
20 mJ


Similar Part No. - RGP50M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
RGP50M LUGUANG-RGP50M Datasheet
214Kb / 2P
Fast Recovery Rectifiers
logo
Galaxy Semi-Conductor H...
RGP50M BILIN-RGP50M Datasheet
335Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - RGP50M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGP15A ETC-RGP15A Datasheet
45Kb / 2P
1.5 Amp. Glass Passivated Fast Recovery Rectifier
RGP02-12 ETC1-RGP02-12 Datasheet
36Kb / 2P
0.5 Amp. Glass Passivated Fast Recovery Rectifier
RGP08A ETC1-RGP08A Datasheet
40Kb / 2P
1 Amp. Glass Passivated Fast Recovery Rectifier
logo
Central Semiconductor C...
CPD25 CENTRAL-CPD25 Datasheet
62Kb / 1P
Fast Recovery Rectifier 3 Amp Glass Passivated Rectifier Chip
CPD26 CENTRAL-CPD26 Datasheet
64Kb / 2P
Fast Recovery Rectifier 8 Amp Glass Passivated Rectifier Chip
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
1.5 AMP Glass Passivated Fast Recovery Rectifier
logo
Shanghai Lunsure Electr...
1N4937GP CHENYI-1N4937GP Datasheet
144Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier
logo
First Components Intern...
FRF80G FCI-FRF80G Datasheet
578Kb / 2P
8.0 Amp Glass Passivated Power Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
SCDF103 SECOS-SCDF103_15 Datasheet
380Kb / 2P
1.0 Amp Glass Passivated Fast Recovery Rectifier
logo
Micro Commercial Compon...
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com