Electronic Components Datasheet Search
  English  ▼

X  

ALD810021 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD810021
Description  QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD810021 Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD810021 Datasheet HTML 1Page - Advanced Linear Devices ALD810021 Datasheet HTML 2Page - Advanced Linear Devices ALD810021 Datasheet HTML 3Page - Advanced Linear Devices ALD810021 Datasheet HTML 4Page - Advanced Linear Devices ALD810021 Datasheet HTML 5Page - Advanced Linear Devices ALD810021 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD810021/ALD910021
Advanced Linear Devices, Inc.
4 of 6
ALD910021
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Gate Threshold Voltage
Vt
2.08
2.10
2.12
V
VGS = VDS; IDS(ON) = 1µA
Offset Voltage
VOS
520
mV
Vt1 - Vt2
Offset Voltage Tempco
TCVOS
5
µV/C
Vt1 - Vt2
Gate Threshold Voltage Tempco
TCVt
-2.2
mV/C
VGS = VDS; IDS(ON) = 1µA
Output Current
IOUT
0.0001
µAVIN = 1.70V
Drain Source On Resistance
RDS(ON)
17000
MΩ
Output Current
IOUT
0.001
µAVIN = 1.80V
Drain Source On Resistance
RDS(ON)
1800
MΩ
Output Current
IOUT
0.01
µAVIN = 1.90V
Drain Source On Resistance
RDS(ON)
190
MΩ
Output Current
IOUT
0.1
µAVIN = 2.00V
Drain Source On Resistance
RDS(ON)
20
MΩ
Output Current
IOUT
1
µAVIN = 2.10V
Drain Source On Resistance
RDS(ON)
2.1
MΩ
Output Current
IOUT
10
µAVIN = 2.20V
Drain Source On Resistance
RDS(ON)
0.22
MΩ
Output Current
IOUT
100
µAVIN = 2.32V
Drain Source On Resistance
RDS(ON)
0.023
MΩ
Output Current
IOUT
300
µAVIN = 2.40V
Drain Source On Resistance
RDS(ON)
0.008
MΩ
Output Current
IOUT
1000
µAVIN = 2.54V
Drain Source On Resistance
RDS(ON)
0.003
MΩ
Output Current
IOUT
3000
µAVIN = 2.60V
Drain Source On Resistance
RDS(ON)
0.001
MΩ
Output Current
IOUT
10000
µAVIN = 3.10V
Drain Source On Resistance
RDS(ON)
0.0003
MΩ
Drain Source Breakdown Voltage
BVDSX
10.6
V
Drain Source Leakage Current1
IDS(OFF)
10
400
pA
VIN = VGS = VDS = Vt - 1.0
VIN = VGS = VDS = Vt - 1.0,
4nA
TA = +125°C
Gate Leakage Current1
IGSS
5
200
pA
VGS = 5.0V, VDS = 0V
VGS = 5.0V, VDS = 0V,
1nA
TA = +125°C
Input Capacitance
CISS
30
pF
VGS = 0V, VDS = 5.0V
Turn-on Delay Time
ton
10
ns
Turn-off Delay Time
toff
10
ns
Crosstalk
60
dB
f = 100KHz
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V, V- = GND, TA = 25°C, VIN = VGS =VDS, IOUT = IDS(ON) unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
V+ to V- voltage
15.0V
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Operating Current
80mA
Power dissipation
500mW
Operating temperature range SAL
0°C to +70°C
Operating temperature range SALI
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com