Electronic Components Datasheet Search
  English  ▼

X  

RN1444 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1444
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1444 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1444 Datasheet HTML 1Page - Toshiba Semiconductor RN1444 Datasheet HTML 2Page - Toshiba Semiconductor RN1444 Datasheet HTML 3Page - Toshiba Semiconductor RN1444 Datasheet HTML 4Page - Toshiba Semiconductor RN1444 Datasheet HTML 5Page - Toshiba Semiconductor RN1444 Datasheet HTML 6Page - Toshiba Semiconductor RN1444 Datasheet HTML 7Page - Toshiba Semiconductor RN1444 Datasheet HTML 8Page - Toshiba Semiconductor RN1444 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RN1441
~RN1444
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
―
VCB = 50V, IE = 0
―
―
0.1
µA
Emitter cut-off current
IEBO
―
VEB = 25V, IC = 0
―
―
0.1
µA
DC current gain
hFE (Note)
―
VCE = 2V, IC = 4mA
200
―
1200
Collector-emitter saturation voltage
VCE (sat)
―
IC = 30mA, IB = 3mA
―
―
0.1
V
Transition frequency
fT
―
VCE = 6V, IC = 4mA
―
30
―
MHz
Collector output capacitance
Cob
―
VCB = 10V, IE = 0, f = 1MHz
―
4.8
―
pF
RN1441
3.9
5.6
7.3
RN1442
7
10
13
RN1443
15.4
22
28.6
Input resistor
RN1444
R1
―
―
1.54
2.2
2.86
kΩ
Note : hFE classification
A: 200~700
B: 350~1200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com