Electronic Components Datasheet Search
  English  ▼

X  

HT16E07 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16E07
Description  120 Segments EPD Driver IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16E07 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16E07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16E07 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Rev. 1.00
5
June 19, 2017
HT16E07
No.
Name
X
Y
No.
Name
X
Y
No.
Name
X
Y
50
S10
1218.120 296.000
106
S62
-293.880 296.000
162
S118
-1805.880 296.000
51
S11
1191.120 296.000
107
S63
-320.880 296.000
163
S119
-1832.880 296.000
52
S12
1164.120 296.000
108
S64
-347.880 296.000
164
S120
-1859.880 296.000
53
S13
1137.120 296.000
109
S65
-374.880 296.000
165 COMBG3 -1886.880 296.000
54
S14
1110.120
296.000
110
S66
-401.880 296.000
166 COMBG3 -1913.880 296.000
55
S15
1083.120 296.000
111
S67
-428.880 296.000
56
S16
1056.120 296.000
112
S68
-455.880 296.000
Pad Description
Pad Name
Type
Description
Power Supply Pins
VDD
—
Logic power supply
GND
—
Logic ground
AVDD
—
Analog power supply
AGND
—
Analog ground
Charge Pump Controller Pins
VDL
O
Driver low supply voltage – bypass to GND with 1μF capacitor
VDH
O
Driver high supply voltage – bypass to GND with 1μF capacitor
Serial Communication Interface Pins
CSB
I
Chip select
CSB="0" – device is active
SDA
I/O Serial data input/output pin
SCL
I
Serial clock input pin
Control Interface Pins
RST_N
I
Reset pin – active low
SHD_N
I
Charge pump enable pin – low shutdown
BUSY_N
O
Busy flag output pin
BUSY_N="0" – driver is busy, driver is refreshing the display
BUSY_N="1" – driver is idle, host can send command/data to driver
MS
I
Master or slave IC select pin
MS="1" – device set as master
MS="0" – device set as slave
CL
I/O
System clock pin
In the cascade mode, the master IC generates a clock signal for the slave IC via the
CL pin when the cascade setting command is executed.
In the single chip mode, this pin remains at a high level and is not used.
VSYNC
I/O
Frame synchronization signal pin
In the cascade mode, the master IC generates a vsync signal for the slave IC through
the VSYNC pin when the cascade setting command is executed.
In the single chip mode, this pin remains at a high level and is not used.
TEST_N
I
Test pin, remains floating in normal mode
Driver Output Pins
S1~S120
O
Segment driver output pins
COMBG0~COMBG3
O
Common or Background driver output pin
These pins can be set as COM or BG pin separately by a CBS command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com