Electronic Components Datasheet Search
  English  ▼

X  

HT32F52220 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT32F52220
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52220 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT32F52220 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F52220 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Rev. 1.21
21 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
32
31
30
29
28
27
26
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
PB1
PB0
PA15
PA14
PA9_
BOOT
AF0
(Default)
P33 VDD
33V
VDD
33V
VDD
33V
VDD
33V
P15
33V
AP
AP
HT32F52220/HT32F52230
33 QFN-A
25
AF0
(Default)
P33
33V
33V
33V
33V
SWCLK
SWDIO
PA12
PA13
AF1
33V
33V
33V 33V 33V
33V
33V
33V
33V
17
XTALOUT
PB14
33V
3.3 V Digital & Analog IO Pad
P33
AP
P15
33V
33V
3.3 V Digital Power Pad
3.3 V Analog Power Pad
1.5 V Power Pad
3.3 V Digital I/O Pad
VDD VDD Domain Pad
33 VSS
1
2
3
4
5
6
7
8
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
33V
33V
33V
33V
33V
33V
33V
33V
Figure 6 33-pin QFN Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com