Electronic Components Datasheet Search
  English  ▼

X  

HT32F52241 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT32F52241
Description  32-Bit ARM Cortex-M0 Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52241 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT32F52241 Datasheet HTML 1Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 2Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52241 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Rev. 1.51
4 of 50
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52231/HT32F52241/HT32F52331/HT32F52341
List of Tables
Table 1. Features and Peripheral List ...................................................................................................... 16
Table 2. Register Map ............................................................................................................................. 19
Table 3. HT32F52231/52241 Series Pin Assignment for 24/28SSOP, 33QFN, 48LQFP Package.......... 28
Table 4. HT32F52331/52341 Series Pin Assignment for 33QFN, 48LQFP Package .............................. 29
Table 5. HT32F52231/52241 Pin Description .......................................................................................... 30
Table 6. HT32F52331/52341 Pin Description .......................................................................................... 31
Table 7. Absolute Maximum Ratings........................................................................................................ 32
Table 8. Recommended DC Operating Conditions.................................................................................. 32
Table 9. LDO Characteristics ................................................................................................................... 32
Table 10. HT32F52231/52241 Power Consumption Characteristics ....................................................... 33
Table 11. HT32F52331/52341 Power Consumption Characteristics ....................................................... 34
Table 12. VDD Power Reset Characteristics ............................................................................................. 35
Table 13. LVD/BOD Characteristics......................................................................................................... 35
Table 14. High Speed External Clock (HSE) Characteristics................................................................... 36
Table 15. Low Speed External Clock (LSE) Characteristics .................................................................... 36
Table 16. High Speed Internal Clock (HSI) Characteristics ..................................................................... 37
Table 17. Low Speed Internal Clock (LSI) Characteristics....................................................................... 37
Table 18. PLL Characteristics .................................................................................................................. 37
Table 19. Flash Memory Characteristics.................................................................................................. 37
Table 20. I/O Port Characteristics ............................................................................................................ 38
Table 21. ADC Characteristics ................................................................................................................. 39
Table 22. SCTM/GPTM/MCTM Characteristics ....................................................................................... 40
Table 23. I2C Characteristics.................................................................................................................... 41
Table 24. SPI Characteristics................................................................................................................... 42
Table 25. USB DC Electrical Characteristics ........................................................................................... 44
Table 26. USB AC Electrical Characteristics............................................................................................ 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com