Electronic Components Datasheet Search
  English  ▼

X  

HT66FV130 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT66FV130
Description  Enhanced Voice Flash MCU
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FV130 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT66FV130 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66FV130 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 259 page
background image
Rev. 1.50
38
De�e��e� 0�� �01�
Rev. 1.50
39
De�e��e� 0�� �01�
HT66FV130/HT66FV140
HT66FV150/HT66FV160
Enhanced Voice Flash MCU
HT66FV130/HT66FV140
HT66FV150/HT66FV160
Enhanced Voice Flash MCU
• FC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
CFWEN
FMOD�
FMOD1
FMOD0
FWPEN
FWT
FRDEN
FRD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
1
1
0
0
0
0
Bit7
CFWEN:FlashMemoryWriteenablecontrol
0:Flashmemorywritefunctionisdisabled
1:Flashmemorywritefunctionhasbeensuccessfullyenabled
Whenthisbitisclearedto0byapplicationprogram,theFlashmemorywritefunction
isdisabled.Notethatwritinga"1"intothisbitresultsinnoaction.Thisbitisused
toindicatethattheFlashmemorywritefunctionstatus.Whenthisbitissetto1by
hardware,itmeansthattheFlashmemorywritefunctionisenabledsuccessfully.
Otherwise,theFlashmemorywritefunctionisdisabledasthebitcontentiszero.
Bit6~4
FMOD2~FMOD0:Modeselection
000:Writeprogrammemory
001:Block/Pageeraseprogrammemory
010:Reserved
011:Readprogrammemory
10x:Reserved
110:FWENmode–FlashmemoryWritefunctionEnabledmode
111:Reserved
Whenthesebitsaresetto"001",the"Blockerase"modeisselectedforHT66FV130/
HT66FV140whilethe"Pageerase"modeisselectedforHT66FV150/HT66FV160.
Bit3
FWPEN:FlashmemoryWriteProcedureEnablecontrol
0:Disable
1:Enable
Whenthisbitissetto1andtheFMODfieldissetto"110",theIAPcontrollerwill
executethe"Flashmemorywritefunctionenable"procedure.OncetheFlashmemory
writefunctionissuccessfullyenabled,itisnotnecessarytosettheFWPENbitanymore.
Bit2
FWT:FlashmemoryWriteInitiatecontrol
0:DonotinitiateFlashmemorywriteorFlashmemorywriteprocessiscompleted
1:InitiateFlashmemorywriteprocess
ThisbitissetbysoftwareandclearedbyhardwarewhentheFlashmemorywrite
processiscompleted.
Bit1
FRDEN:FlashmemoryReadEnablecontrol
0:Flashmemoryreaddisable
1:Flashmemoryreadenable
Bit0
FRD:FlashmemoryReadInitiatecontrol
0:DonotinitiateFlashmemoryreadorFlashmemoryreadprocessiscompleted
1:InitiateFlashmemoryreadprocess
ThisbitissetbysoftwareandclearedbyhardwarewhentheFlashmemoryread
processiscompleted.
• FC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:Wholechipresetpattern
Whenuserwritesaspecificvalueof"55H"tothisregister,itwillgenerateareset
signaltoresetwholechip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com