Electronic Components Datasheet Search
  English  ▼

X  

HT66FV240 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66FV240
Description  Wireless Voice Flash MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FV240 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66FV240 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66FV240 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 203 page
background image
Rev. 1.40
1�
De�e��e� 1�� �01�
Rev. 1.40
13
De�e��e� 1�� �01�
HT66FV240
Wireless Voice Flash MCU
HT66FV240
Wireless Voice Flash MCU
Pad Name
Function
OPT
I/T
O/T
Description
TI+
TI+
—
AN
—
Operational Amplifier non-inverting input
TI-
TI-
—
AN
—
Operational Amplifier inverting input
TG
TG
—
—
AO
Operational Amplifier gain setting output
AVSS3
AVSS3
—
PWR
—
Audio PCM A/D �onve�te� negative powe� supply
Legend:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST:SchmittTriggerinput
AN:Analoginput
AO:Analogoutput;
CMOS:CMOSoutput
NMOS:NMOSoutput
SCOM:SoftwarecontrolledLCDCOM
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal..................................................................................................................................... 80mA
IOHTotal....................................................................................................................................-80mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com