Electronic Components Datasheet Search
  English  ▼

X  

HT67F488 Datasheet(PDF) 114 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 114 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 118Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 171 page
background image
Rev. 1.60
114
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
USR Register
TheUSRregisteristhestatusregisterfortheUART,whichcanbereadbytheprogramtodetermine
thepresentstatusoftheUART.AllflagswithintheUSRregisterarereadonly.Furtherexplanation
oneachoftheflagsisgivenbelow:
Bit
7
6
5
4
3
2
1
0
�a�e
PERR
�F
FERR
OERR
RIDLE
RXIF
TIDLE
TXIF
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
1
0
1
1
Bit7
PERR:Parityerrorflag
0:Noparityerrorisdetected
1:Parityerrorisdetected
ThePERRflagistheparityerrorflag.Whenthisreadonlyflagis“0”,itindicatesa
parityerrorhasnotbeendetected.Whentheflagis“1”,itindicatesthattheparityof
thereceivedwordisincorrect.ThiserrorflagisapplicableonlyifParitymode(oddor
even)isselected.Theflagcanalsobeclearedbyasoftwaresequencewhichinvolves
areadtothestatusregisterUSRfollowedbyanaccesstotheRXRdataregister.
Bit6
NF:Noiseflag
0:Nonoiseisdetected
1:Noiseisdetected
TheNFflagisthenoiseflag.Whenthisreadonlyflagis"0",itindicatesnonoise
condition.Whentheflagis"1",itindicatesthattheUARThasdetectednoiseonthe
receiverinput.TheNFflagissetduringthesamecycleastheRXIFflagbutwillnot
besetinthecaseofasoverrun.TheNFflagcanbeclearedbyasoftwaresequence
whichwillinvolveareadtothestatusregisterUSRfollowedbyanaccesstotheRXR
dataregister.
Bit5
FERR:Framingerrorflag
0:Noframingerrorisdetected
1:Framingerrorisdetected
TheFERRflagistheframingerrorflag.Whenthisreadonlyflagis“0”,itindicates
thatthereisnoframingerror.Whentheflagis“1”,itindicatesthataframingerror
hasbeendetectedforthecurrentcharacter.Theflagcanalsobeclearedbyasoftware
sequencewhichwillinvolveareadtothestatusregisterUSRfollowedbyanaccessto
theRXRdataregister.
Bit4
OERR:Overrunerrorflag
0:Nooverrunerrorisdetected
1:Overrunerrorisdetected
TheOERRflagistheoverrunerrorflagwhichindicateswhenthereceiverbufferhas
overflowed.Whenthisreadonlyflagis“0”,itindicatesthatthereisnooverrunerror.
Whentheflagis“1”,itindicatesthatanoverrunerroroccurswhichwillinhibitfurther
transferstotheRXRreceivedataregister.Theflagisclearedbyasoftwaresequence,
whichisareadtothestatusregisterUSRfollowedbyanaccesstotheRXRdata
register.
Bit3
RIDLE:Receiverstatus
0:Datareceptionisinprogress(databeingreceived)
1:Nodatareceptionisinprogress(receiverisidle)
TheRIDLEflagisthereceiverstatusflag.Whenthisreadonlyflagis“0”,itindicates
thatthereceiverisbetweentheinitialdetectionofthestartbitandthecompletionof
thestopbit.Whentheflagis“1”,itindicatesthatthereceiverisidle.Betweenthe
completionofthestopbitandthedetectionofthenextstartbit,theRIDLEbitis“1”
indicatingthattheUARTreceiverisidleandtheRXpinstaysinlogichighcondition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com