Electronic Components Datasheet Search
  English  ▼

X  

HT67F488 Datasheet(PDF) 117 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 117 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 118Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 119Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 120Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 121Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 171 page
background image
Rev. 1.60
117
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Bit2
TXBRK:Transmitbreakcharacter
0:Nobreakcharacteristransmitted
1:Breakcharacterstransmit
TheTXBRKbitistheTransmitBreakCharacterbit.Whenthisbitis“0”,thereare
nobreakcharactersandtheTXpinoperatesnormally.Whenthebitis“1”,thereare
transmitbreakcharactersandthetransmitterwillsendlogiczeros.Whenthisbitis
equalto“1”,afterthebuffereddatahasbeentransmitted,thetransmitteroutputisheld
lowforaminimumofa13-bitlengthanduntiltheTXBRKbitisreset.
Bit1
RX8:Receivedatabit8for9-bitdatatransferformat(readonly)
Thisbitisonlyusedif9-bitdatatransfersareused,inwhichcasethisbitlocationwill
storethe9thbitofthereceiveddataknownasRX8.TheBNObitisusedtodetermine
whetherdatatransfersarein8-bitor9-bitformat.
Bit0
TX8:Transmitdatabit8for9-bitdatatransferformat(writeonly)
Thisbitisonlyusedif9-bitdatatransfersareused,inwhichcasethisbitlocation
willstorethe9thbitofthetransmitteddataknownasTX8.TheBNObitisusedto
determinewhetherdatatransfersarein8-bitor9-bitformat.
UCR2 Register
TheUCR2registeristhesecondofthetwoUARTcontrolregistersandservesseveralpurposes.One
ofitsmainfunctionsistocontrolthebasicenable/disableoperationoftheUARTTransmitterand
ReceiveraswellasenablingthevariousUARTinterruptsources.Theregisteralsoservestocontrol
thebaudratespeed,receiverwake-upenableandtheaddressdetectenable.Furtherexplanationon
eachofthebitsisgivenbelow:
Bit
7
6
5
4
3
2
1
0
�a�e
TXE�
RXE�
BRGH
ADDE�
WAKE
RIE
TIIE
TEIE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
TXEN:UARTTransmitterenabledcontrol
0:UARTtransmitterisdisabled
1:UARTtransmitterisenabled
ThebitnamedTXENistheTransmitterEnableBit.Whenthisbitisequalto“0”,the
transmitterwillbedisabledwithanypendingdatatransmissionsbeingaborted.In
additionthebufferswillbereset.InthissituationtheTXpinwillbeusedasanI/Oor
otherpin-sharedfunctionalpin.
IftheTXENbitisequalto“1”andtheUARTENbitisalsoequalto“1”,the
transmitterwillbeenabledandtheTXpinwillbecontrolledbytheUART.Clearing
theTXENbitduringatransmissionwillcausethedatatransmissiontobeabortedand
willresetthetransmitter.Ifthissituationoccurs,theTXpinwillbeusedasanI/Oor
otherpin-sharedfunctionalpin.
Bit6
RXEN:UARTReceiverenabledcontrol
0:UARTreceiverisdisabled
1:UARTreceiverisenabled
ThebitnamedRXENistheReceiverEnableBit.Whenthisbitisequalto“0”,the
receiverwillbedisabledwithanypendingdatareceptionsbeingaborted.Inaddition
thereceivebufferswillbereset.InthissituationtheRXpinwillbeusedasanI/Oor
otherpin-sharedfunctionalpin.IftheRXENbitisequalto“1”andtheUARTENbit
isalsoequalto“1”,thereceiverwillbeenabledandtheRXpinwillbecontrolledby
theUART.ClearingtheRXENbitduringareceptionwillcausethedatareceptionto
beabortedandwillresetthereceiver.Ifthissituationoccurs,theRXpinwillbeused
asanI/Oorotherpin-sharedfunctionalpin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com