Electronic Components Datasheet Search
  English  ▼

X  

HT67F488 Datasheet(PDF) 120 Page - Holtek Semiconductor Inc

Part # HT67F488
Description  TinyPowerTM A/D Flash MCU with LCD & EEPROM
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F488 Datasheet(HTML) 120 Page - Holtek Semiconductor Inc

Back Button HT67F488 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 118Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 119Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 120Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 121Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 122Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 123Page - Holtek Semiconductor Inc HT67F488 Datasheet HTML 124Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 171 page
background image
Rev. 1.60
1�0
�ove��e� ��� �016
HT67F488/HT67F489
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Calculating the Register and Error Values
Foraclockfrequencyof4MHz,andwithBRGHsetto“0”determinetheBRGregistervalueN,the
actualbaudrateandtheerrorvalueforadesiredbaudrateof4800.
FromtheabovetablethedesiredbaudrateBR=fSYS/[64(N+1)]
Re-arrangingthisequationgivesN=[fSYS/(BR×64)]-1
GivingavalueforN=[4000000/(4800×64)]-1=12.0208
Toobtaintheclosestvalue,adecimalvalueof12shouldbeplacedintotheBRGregister.Thisgives
anactualorcalculatedbaudratevalueofBR=4000000/[64×(12+1)]=4808
Thereforetheerrorisequalto(4808-4800)/4800=0.16%
ThefollowingtableshowsactualvaluesofbaudrateanderrorvaluesforthetwovaluesofBRGH.
Baud Rate
K/BPS
fSYS=8MHz
Baud Rates for BRGH=0
Baud Rates for BRGH=1
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
0.3
—
—
—
—
—
—
1.�
103
1.�0�
0.16
—
—
—
�.4
51
�.404
0.16
�07
�.404
0.16
4.8
�5
4.808
0.16
103
4.808
0.16
9.6
1�
9.615
0.16
51
9.615
0.16
19.�
6
17.8857
-6.99
�5
19.�31
0.16
38.4
�
41.667
8.51
1�
38.46�
0.16
57.6
1
6�.500
8.51
8
55.556
-3.55
115.�
0
1�5
8.51
3
1�5
8.51
�50
—
—
—
1
�50
0
Baud Rates and Error Values
UART Setup and Control
Fordatatransfer,theUARTfunctionutilizesanon-return-to-zero,morecommonlyknownasNRZ,
format.Thisiscomposedofonestartbit,eightorninedatabits,andoneortwostopbits.Parity
issupportedbytheUARThardware,andcanbesetuptobeeven,oddornoparity.Forthemost
commondataformat,8databitsalongwithnoparityandonestopbit,denotedas8,N,1,isused
asthedefaultsetting,whichisthesettingatpower-on.Thenumberofdatabitsandstopbits,along
withtheparity,aresetupbyprogrammingthecorrespondingBNO,PRT,PREN,andSTOPSbits
intheUCR1register.Thebaudrateusedtotransmitandreceivedataissetupusingtheinternal
8-bitbaudrategenerator,whilethedataistransmittedandreceivedLSBfirst.AlthoughtheUART
transmitterandreceiverarefunctionallyindependent,theybothusethesamedataformatandbaud
rate.Inallcasesstopbitswillbeusedfordatatransmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com