Electronic Components Datasheet Search
  English  ▼

X  

HT67F5630 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT67F5630
Description  TinyPowerTM 24-Bit Delta Sigma A/D Flash MCU with LCD & EEPROM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5630 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT67F5630 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F5630 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 147 page
background image
Rev. 1.20
52
De�e��e� 1�� 201�
Rev. 1.20
53
De�e��e� 1�� 201�
HT67F5630
TinyPowerTM 24-Bit Delta Sigma
A/D Flash MCU with LCD & EEPROM
HT67F5630
TinyPowerTM 24-Bit Delta Sigma
A/D Flash MCU with LCD & EEPROM
CTRL Register
Bit
7
6
5
4
3
2
1
0
Na�e
FSYSON
—
—
—
—
LVRF
LRF
WRF
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
x
0
0
“x” unknown
Bit7
FSYSON:fSYSControlinIDLEMode
Describedelsewhere.
Bit6~3
Unimplemented,readas“0”
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere.
Bit1
LRF:LVRControlregistersoftwareresetflag
Describedelsewhere.
Bit0
WRF:WDTControlregistersoftwareresetflag
0:notoccur
1:occurred
ThisbitissethighbytheWDTControlregistersoftwareresetandclearedbytheapplication
program.Notethatthisbitcanonlybeclearedtozerobytheapplicationprogram.
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunknownlocation,orentersanendlessloop,theseclearinstructionswillnotbeexecutedin
thecorrectmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.Someof
theWatchdogTimeroptions,suchasalwaysonselectandclearinstructiontypeareselectedusing
configurationoptions.WithregardtotheWatchdogTimerenable/disablefunction,therearealsofive
bits,WE4~WE0,intheWDTCregistertoofferadditionalenable/disableandresetcontrolofthe
WatchdogTimer.IftheWDTconfigurationoptionisdeterminedthattheWDTfunctionisalways
enabled,theWE4~WE0bitsstillhaveeffectsontheWDTfunction.WhentheWE4~WE0bits
valueisequalto01010Bor10101B,theWDTfunctionisenabled.However,iftheWE4~WE0bits
arechangedtoanyothervaluesexcept01010Band10101B,whichiscausedbytheenvironmental
noiseorsoftwaresetting,itwillresetthemicrocontrollerafter2~3LIRCclockcycles.IftheWDT
configurationoptionisdeterminedthattheWDTfunctioniscontrolledbytheWDTcontrolregister,
theWE4~WE0valuescandeterminewhichmodetheWDToperatesin.TheWDTfunctionwillbe
disabledwhentheWE4~WE0bitsaresettoavalueof10101B.TheWDTfunctionwillbeenabled
iftheWE4~WE0bitsvalueisequalto01010B.IftheWE4~WE0bitsaresettoanyothervaluesby
theenvironmentalnoiseorsoftwaresetting,except01010Band10101B,itwillresetthedeviceafter
2~3LIRCclockcycles.Afterpoweronthesebitswillhavethevalueof01010B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com