Electronic Components Datasheet Search
  English  ▼

X  

HT68F005 Datasheet(PDF) 68 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 64Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 65Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 66Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 67Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 68Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 69Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 70Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 71Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
Rev. 1.00
68
��to�e� ��� �01�
Rev. 1.00
69
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Interrupts
Interruptsareanimportantpartofanymicrocontrollersystem.Whenanexternaleventoraninternal
functionsuchasaTimerModulerequiresmicrocontrollerattention,theircorrespondinginterrupt
willenforceatemporarysuspensionofthemainprogramallowingthemicrocontrollertodirect
attentiontotheirrespectiveneeds.Thedevicescontainanexternalinterruptandinternalinterrupts
functions.TheexternalinterruptisgeneratedbytheactionoftheexternalINTpin,whiletheinternal
interruptsaregeneratedbyvariousinternalfunctionssuchastheTMs,TimeBaseandEEPROM.
Interrupt Registers
Overallinterruptcontrol,whichbasicallymeansthesettingofrequestflagswhencertain
microcontrollerconditionsoccurandthesettingofinterruptenablebitsbytheapplicationprogram,
iscontrolledbyaseriesofregisters,locatedintheSpecialPurposeDataMemory,asshowninthe
accompanyingtable.Thenumberofregistersdependsuponthedeviceschosenbutfallintothree
categories.ThefirstistheINTC0~INTC1registerswhichsetuptheprimaryinterrupts,thesecond
istheMFI0~MFI1registerswhichsetuptheMulti-functioninterrupts.FinallythereisanINTEG
registertosetuptheexternalinterrupttriggeredgetype.
Eachregistercontainsanumberofenablebitstoenableordisableindividualinterruptsaswell
asinterruptflagstoindicatethepresenceofaninterruptrequest.Thenamingconventionofthese
followsaspecificpattern.Firstislistedanabbreviatedinterrupttype,thenthe(optional)numberof
thatinterruptfollowedbyeitheran“E”forenable/disablebitor“F”forrequestflag.
Function
Enable Bit
Request Flag
Notes
Glo�al
EMI
—
—
INT Pin
INTE
INTF
—
Multi-fun�tion
MFnE
MFnF
n=0~1
Time Base
TBnE
TBnF
n=0~1
EEPR�M
DEE
DEF
—
TM
TnPE
TnPF
n=0~1
TnAE
TnAF
Interrupt Register Bit Naming Conventions
Interrupt Register List
Name
Bit
7
6
5
4
3
2
1
0
INTEG
—
—
—
—
—
—
INTS1
INTS0
INTC0
—
MF0F
TB0F
INTF
MF0E
TB0E
INTE
EMI
INTC1
TB1F
—
DEF
MF1F
TB1E
—
DEE
MF1E
MFI0
—
—
T0AF
T0PF
—
—
T0AE
T0PE
MFI1
—
—
T1AF
T1PF
—
—
T1AE
T1PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com