Electronic Components Datasheet Search
  English  ▼

X  

SC83702 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC83702
Description  ALL IN ONE MOUSE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC83702 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC83702 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC83702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Silan
Semiconductors
SC83702
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
(continued)
Pin Name
I/O
Description
MS
I
When this pin is connected to VDD, then SC83702 is assigned to operate under the
microsoft mode only. If the pin is connected to Vss, then SC83702 will operate
under the mouse system mode.
However if this pin is "floating", then SC83702 is on the "power on initiation"
situation and if any one of three buttons is chosen, then SC83702 will operate under
the mouse mode. And while the whole system is on "power on initiation", no key is
chosen then operation will be under microsoft mode.
OSC.IN
I
OSC.OUT
O
A built-in inverter provides oscillation with 32.768KHz crystal or 3.58MHz resonator.
Several counters used to decrease the frequency of oscillation and create 1200
baud rate, key-switches debounce and photo-couple sensor scanning clock, etc.
RTS
I
Positive power input. The signal is sent by mouse driver from computer to the
mouse to select a mode. During the reset time, SC83702 echoes the selected mode
to the RXD line after the reset pulse signal of the RTS line. RXD will send out CD
(H) code if it is under the microsoft mode. RXD will send out two-byte C8 (H) code if
it is under the mouse system mode in SC83702.
VSS
--
Negative power input.
RI
M
I/O
L
I/O
Three key-switches exert seven different combinations totally.
Both key-pressed and key-released signals will be sent accompanied with horizontal
and vertical state. The status of the key-switches will be preserved, whenever the
value of horizontal or vertical counters will present at RXD. And the debounce
interval for both key-press and key-release is 13ms.
In testing mode, L and M are the outputs of motion detector. Using R key can select
the two outputs X1, X2 or Y1, Y2. This feature can help manufacturer to adjust the
phase of four photo-couples for improving the yield.
X1
X2
Y1
Y2
I
Four photo-couple signals denote UP, DOWN, LEFT and RIGHT state. If SC83702
is in 1200 baud rate on non-auto speed mode, the system provides 40 transmission
cycles per second in microsoft mode to the utmost. In mouse system mode, the
cycles are 24 maximum. During the scanning period, as long as the photo couples
change their states, the value of vertical or horizontal counter will increase or
decrease accordingly.
OPT
I
Whenever OPT is connected to VDD, the chip will enter testing mode.
VDD
--
Power



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com