Electronic Components Datasheet Search
  English  ▼

X  

HT7323-2 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7323-2
Description  30V, 250mA TinyPowerTM LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7323-2 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7323-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7323-2 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Rev. 1.00
9
August 26, 2015
HT73xx-2
Application Information
Thedevicesarea3-terminallowdropoutseries
linearvoltageregulators.Itisimportantthefollowing
applicationpointsarenotedifcorrectoperationisto
beachieved.
External Circuit
Itisimportantthatexternalcapacitorsareconnected
toboththeinputandoutputpins.Fortheinputpin
suitablebypasscapacitorsasshownintheapplication
circuitsshouldbeconnectedespeciallyinsituations
whereabatterypowersourceisusedwhichmayhave
ahigherimpedence.Fortheoutputpin,asuitable
capacitorshouldalsobeconnectedespeciallyin
situationswheretheloadisofatransientnature,in
whichcaselargercapacitorvaluesshouldbeselected
tolimitanyoutputtransientvoltages.
Thermal Considerations
Themaximumpowerdissipationdependsonthe
thermalresistanceoftheICpackage,thePCBlayout,
therateofthesurroundingairflowandthedifference
betweenthejunctionandambienttemperature.The
maximumpowerdissipationcanbecalculatedbythe
followingformula:
PD(MAX)=(TJ(MAX)–Ta)/θJA
whereTJ(MAX)isthemaximumjunctiontemperature,
TaistheambienttemperatureandθJAisthejunction-
to-ambientthermalresistanceoftheICpackagein
degreesperwatt.ThefollowingtableshowstheθJA
valuesforvariouspackagetypes.
Package
θJA value oC/W
SOT89-3
200 oC/W
TO-92
200 oC/W
8SOP-EP
125 oC/W
For maximum operating rating conditions, the
maximumjunctiontemperatureis150°C.However,
it is recommended that the maximum junction
temperaturedoesnotexceed125°Cduringnormal
operationtomaintainanadequatemarginfordevice
reliability.Thederatingcurvesofdifferentpackages
formaximumpowerdissipationareasfollows:
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
SOT89-3, TO-92
0
Ambient Temperature (oC)
8SOP-EP
0.8W
0.5W
Power Dissipation Calculation
Inordertokeepthedevicewithinitsoperatinglimits
andtomaintainaregulatedoutputvoltage,thepower
dissipationofthedevice,givenbyPD,mustnot
exceedtheMaximumPowerDissipation,givenby
PD(MAX).ThereforePD≤PD(MAX).Fromthediagramit
canbeseenthatalmostallofthispowerisgenerated
across the pass transistorwhich is actinglikea
variableresistorinserieswiththeloadtokeepthe
outputvoltageconstant.Thisgeneratedpowerwhich
willappearasheat,mustneverallowthedeviceto
exceeditsmaximumjunctiontemperature.
Vref
VIN
GND
OUT
Vfb
VIN
Common
VOUT
IIN
Common
ILOAD
Inpracticalapplicationstheregulatormaybecalled
upon to provide both steady state and transient
currents due to the transient nature of the load.
Althoughthedevicemaybeworkingwellwithinits
limitswithitssteadystatecurrent,caremustbetaken
withtransientloadswhichmaycausethecurrentto
riseclosetoitsmaximumcurrentvalue.Caremust
betakenwithtransientloadsandcurrentsasthiswill
resultindevicejunctiontemperatureriseswhichmust
notexceedthemaximumjunctiontemperature.With
bothsteadystateandtransientcurrents,theimportant
currenttoconsideristheaverageormoreprecisely
theRMScurrentwhichisthevalueofcurrentthatwill
appearasheatgeneratedinthedevice.Thefollowing
diagramshowshowtheaveragecurrentrelatestothe
transientcurrents.
Time
ILOAD
ILOAD(AVG)
Asthequiescentcurrentofthedeviceisverysmallit
cangenerallybeignoredandasaresulttheinputcur-
rentcanbeassumedtobeequaltotheoutputcurrent.
Thereforethepowerdissipationofthedevice,PD,can
becalculatedasthevoltagedropacrosstheinputand
outputmultipliedbythecurrent,givenbytheequation,
PD=(VIN–VOUT)×IIN.Astheinputcurrentisalso
equaltotheloadcurrentthepowerdissipationPD=
(VIN–VOUT)×ILOAD.However,withtransientloadcur-
rents,PD=(VIN–VOUT)×ILOAD(AVG)asshowninthe
figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com