Electronic Components Datasheet Search
  English  ▼

X  

HT92232 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT92232
Description  General Purpose OPAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT92232 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT92232 Datasheet HTML 1Page - Holtek Semiconductor Inc HT92232 Datasheet HTML 2Page - Holtek Semiconductor Inc HT92232 Datasheet HTML 3Page - Holtek Semiconductor Inc HT92232 Datasheet HTML 4Page - Holtek Semiconductor Inc HT92232 Datasheet HTML 5Page - Holtek Semiconductor Inc HT92232 Datasheet HTML 6Page - Holtek Semiconductor Inc HT92232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT92232 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 1.00
3
October 11, 2016
HT92232/HT92252
HT92252
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Units
VDD
Conditions
VDD
Supply Voltage
—
Ta=25°C
2.1
—
5.5
V
VDD
Supply Voltage
—
Ta= -40°C~85°C
2.5
—
5.5
V
VOS
Input Offset Voltage
—
Ta=25°C
—
—
5
mV
ΔVOS/ΔTa Drift with Temperature
—
Ta=25°C
—
3
6
μV/°C
IOS
Input Offset Current
—
Ta=25°C
—
20
120
pA
IB
Input Bias Current
—
Ta=25°C
—
10
60
pA
VCML
Input Common Mode Range Low
—
—
—
— VSS-0.1
V
VCMH
Input Common Mode Range High
—
—
VDD+0.1 —
—
V
VOL
Minimum Output Voltage Swing
—
RL=10kΩ to VL, G=+2,
0.5V input overdrive
VSS
— VSS+40
mV
VOH
Maximum Output Voltage Swing
—
RL=10kΩ to VL, G=+2,
0.5V input overdrive
VDD-40
—
VDD
mV
AOL
Large Signal DC Open Loop Gain 2.5~5.5V
VOUT=0.3V~VDD-0.3V
88
—
—
dB
VOUT=35mV~VDD-35mV
70
—
—
GBW
Gain Bandwidth Product
—
—
730
1000
—
kHz
PM
Phase Margin
—
—
46
65
—
degrees
CMRR
Common Mode Rejection Ratio
—
VCM= -0.1V~VDD-1.2V
Ta=25°C
65
80
—
dB
—
VCM= -0.1V~VDD-1.2V
Ta= -40°C~85°C
60
78
—
PSRR
Power Supply Rejection Ratio
2.5~5.5V VCM=VSS, Ta=25°C
70
80
—
dB
2.5~5.5V V
CM
=VSS,
Ta= -40°C~85°C
60
80
—
IQ
Quiescent Current/Amplifier
—
IOUT=0, Ta=25°C
—
40
50
μA
IOUT=0, Ta= -40°C~85°C
—
40
78
SR
Slew Rate
—
CL=60pF
0.35
0.5
—
V/μs
ISOURCE
Output Short Circuit Source
Current
5V
RL=10Ω to VL
15
—
—
mA
ISINK
Output Short Circuit Sink Current
5V
RL=10Ω to VL
15
—
—
mA
Eni
Input Noise Voltage
—
Ta=25°C, 0.1Hz to 10Hz
—
6
8
μVP-P
eni
Input Noise Voltage Density
—
Ta=25°C, 1kHz
—
28
37.3
nV/ Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com