Electronic Components Datasheet Search
  English  ▼

X  

SDA5521 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SDA5521
Description  TVText Pro
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDA5521 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SDA5521 Datasheet HTML 1Page - Infineon Technologies AG SDA5521 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TVText Pro
http://www.infineon.com
Product Brief
TVText Pro
SDA 555x
Potential Applications
With it´s integrated 8051-based
µC
incl. all necessary peripherals, Lev-
el 1.5 Teletext decoder and a pow-
erful display generator on board,
TVText Pro offers the perfect basis
for a wide range of TV-sets:
s Lowend OSD-only or simple
Teletext
s Midrange TOP/FLOF-Teletext
s Highend with up to 100 pages of
Teletext and EPG
Hardware Features
s 8-Bit microcontroller core (8051
compatible) clocked at 33 MHz
(min. 360 ns)
s Up to 128 KB internal ROM
s Up to 1 MB external ROM/RAM
s Up to 16 KB internal XRAM
s Single external 6 MHz crystal for
all internal clock systems
s Simultaneous reception of TTX,
VPS/PDC and WSS (16:9)
s New digital slicer with automatic
distortion detection and com-
pensation for high-quality
VBI-line acquisition even under
bad signal conditions
s 0.25
µm CMOS technology for
high performance and low
power dissipation (2.5/3.3 V)
s various power save modi (down
to < 5 mA possible)
s Two 16-Bit timers, one watch-
dog- and one IR control timer
s PWM unit (two channels 14 Bit,
six channels 8 Bit)
s ADC (four channels 8 Bit)
s UART interface
Display Features
s Single character set for all
west-/east-european and
arabic/farsi based languages
s Programmable screen size
(25 rows x 33...64 columns)
s Flexible character matrix
(12x9...16 pixel)
s CLUT with up to 64 out of
4096 colors
s Up to 256 Dynamically Redefin-
able Characters (up to 1024
DRCs in enhanced mode)
s Up to 16 colors per character
s Parallel attributes
s Smooth scrolling hardware cur-
sor (pixel by pixel shiftable)
s Support of progressive scan and
100 Hz
s Free programmable pixel clock
from 10 up to 32 MHz (indepen-
dent from CPU clock)
Development Support and Tools
s Worldwide tested Firm-
ware-modules for data
acquisition and IR-detection
s Improved Display Editor
(TEDIPRO) for fast and easy
OSD- and font development
s EPG firmware-package avail-
able (by TARA Systems)
s Demo Board with Demo-SW
s various emulators supported
(Hitex, Kleinhenz)
s Flash version for development,
ramp up and small series
Packages
s P-SDIP-52, P-MQFP-64
(ROM-versions)
s P-MQFP-100, P-LCC-84
(ROMless versions)
The latest innovation of Infineon
Technologies TVText-family, the
SDA 555x-series, offers a maximum
feature set at a minimum price.


Similar Part No. - SDA5521

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SDA555X TOSHIBA-SDA555X Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
Infineon Technologies A...
SDA55XX INFINEON-SDA55XX Datasheet
2Mb / 230P
Preliminary & Confidential
Version 1.21 July 99
More results

Similar Description - SDA5521

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5250 SIEMENS-SDA5250 Datasheet
1Mb / 143P
TVTEXT 8-Bit Microcontroller
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E Datasheet
4Mb / 2P
PowerQUICC II??Pro
logo
RF Micro Devices
ZPM3570 RFMD-ZPM3570 Datasheet
1Mb / 18P
ZigBee Pro Module
logo
Tyco Electronics
58530-1 MACOM-58530-1 Datasheet
185Kb / 5P
PRO-CRIMPER II
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
Level One
PLI-3110 LVL1-PLI-3110 Datasheet
234Kb / 3P
HomePlug Pro PoE
logo
Microchip Technology
ATMBUSADAPTER-XPRO MICROCHIP-ATMBUSADAPTER-XPRO Datasheet
83Kb / 1P
mikroBUS Xplained Pro
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com