Electronic Components Datasheet Search
  English  ▼

X  

SI7403DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7403DN
Description  P-Channel 20-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7403DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7403DN Datasheet HTML 1Page - Vishay Siliconix SI7403DN Datasheet HTML 2Page - Vishay Siliconix SI7403DN Datasheet HTML 3Page - Vishay Siliconix SI7403DN Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7403DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71431
S-03390—Rev. A, 02-Apr-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "4.5 V
"100
nA
VDS = –20 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = –20 V, VGS = 0 V, TJ = 70_C
–5
mA
VDS = –5 V, VGS = –4.5 V
–10
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –2.5 V
–4
A
VGS = –4.5 V, ID = –3.3 A
0.078
0.1
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –2.9 A
0.110
0.135
W
Forward Transconductancea
gfs
VDS = –10 V, ID = –3.3 A
8.8
S
Diode Forward Voltagea
VSD
IS = –1.6 A, VGS = 0 V
0.8
–1.2
V
Dynamicb
Total Gate Charge
Qg
8.6
14
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –4.5 V, ID = –4.5 A
1.5
nC
Gate-Drain Charge
Qgd
3.1
Turn-On Delay Time
td(on)
27
50
Rise Time
tr
VDD = –10 V, RL = 10 W
17
30
Turn-Off Delay Time
td(off)
VDD = –10 V, RL = 10 W
ID ^ –1.6 A, VGEN = –4.5 V, RG = 6 W
52
80
ns
Fall Time
tf
45
70
Source-Drain Reverse Recovery Time
trr
IF = –1.6 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0
1234
5
0
4
8
12
16
20
01234
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
VGS = 4.5, 4, 3.5 V
1.5 V
2 V
2.5 V
3 V
TC = –55_C
125
_C
25
_C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com