Electronic Components Datasheet Search
  English  ▼

X  

SM6B595P Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SM6B595P
Description  8-BIT LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM6B595P Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM6B595P Datasheet HTML 1Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 2Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 3Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 4Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 5Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 6Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 7Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 8Page - SamHop Microelectronics Corp. SM6B595P Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2
PIN DESCRIPTION
SM6B595
8-BIT LED DRIVER
SAMHOP Microelectronics Corp.
㆔合微科股份㈲限公司
13
Pin NO.
1
2
3
14-17
4-7
8
18
19
20
SRCK
Pin Name
NC
Vcc
SER IN
OUT4~7
OUT0~3
SRCLR
SER OUT
GND
NC
Input terminal of a clock for shift-register. Data transfer through
shift-register on the rising edge of the shift-register clock.
Function Description
No connection
5V supply voltage terminal.
Input terminal of a serial-data for shift-register.
Output terminals.
Output terminals.
Input terminal of clear signal for shift-register. When SRCLR is
low, the input shift-register is cleared.
Output terminal of serial-data for next SER IN terminal.
Ground terminal.
No connection.
9
G
Input terminal of output enable. All outputs (OUT0~7) do off
with "H" level of G-terminal, and do on with "L" level input.
10-11
GND
Ground terminal.
12
RCK
Input terminal of a clock for storage-register. Data transfer
through storage-register on the rising edge of the storage-
register clock.
SEP, 2002



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com