Electronic Components Datasheet Search
  English  ▼

X  

ALD1731A Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1731A
Description  PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1731A Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1731A Datasheet HTML 1Page - Advanced Linear Devices ALD1731A Datasheet HTML 2Page - Advanced Linear Devices ALD1731A Datasheet HTML 3Page - Advanced Linear Devices ALD1731A Datasheet HTML 4Page - Advanced Linear Devices ALD1731A Datasheet HTML 5Page - Advanced Linear Devices ALD1731A Datasheet HTML 6Page - Advanced Linear Devices ALD1731A Datasheet HTML 7Page - Advanced Linear Devices ALD1731A Datasheet HTML 8Page - Advanced Linear Devices ALD1731A Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD1731A/ALD1731
Advanced Linear Devices
2 of 9
Supply voltage, V+
10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600mW
Operating temperature range
SAL, PAL, SA packages
0°C to +70°C
DA package
-55°C to +125°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
ABSOLUTE MAXIMUM RATINGS
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±2.5V unless otherwise specified
ALD1731A
ALD1731
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Supply Voltage
VS
±1.0
±5.0
±1.0
±5.0
V
Dual Supply
V+
2.0
10.0
2.0
10.0
V
Single Supply
Input Offset Voltage
VOS
0.15
0.4
mV
RS ≤ 100KΩ
0.8
1.5
mV
0°C ≤ TA ≤ +70°C
Input Offset Current
IOS
0.01
10
0.01
10
pA
TA = 25°C
240
240
pA
0°C ≤ TA ≤ +70°C
Input Bias Current
IB
0.01
10
0.01
10
pA
TA = 25°C
300
300
pA
0°C ≤ TA ≤ +70°C
Input Voltage Range
VIR
-0.3
+5.3
-0.3
+5.3
V
V+ = +5V
-2.8
+2.8
-2.8
+2.8
V
VS = ±2.5V
Input Resistance
RIN
1014
1014
Ω
Input Offset Voltage Drift
TCVOS
55
µV/°CRS ≤ 100KΩ
Power Supply
PSRR
90
90
dB
RS ≤ 100KΩ
Rejection Ratio
90
90
dB
0°C ≤ TA ≤ +70°C
Common Mode
CMRR
90
90
dB
RS ≤ 100KΩ
Rejection Ratio
90
90
dB
0°C ≤ TA ≤ +70°C
Large Signal
AV
40
100
32
100
V/mV
RL = 100KΩ
Voltage Gain
1000
1000
V/mV
RL = 1MΩ
20
20
V/mV
RL = 100KΩ,
0°C ≤ TA ≤ +70°C
Output Voltage Range
VO low
0.001
0.01
0.001
0.01
V
RL = 1MΩ, V+ = +5V
VO high
4.99
4.999
4.99
4.999
V
0°C ≤ TA ≤ +70°C
VO low
-2.48
-2.40
-2.48
-2.40
V
RL =100KΩ
VO high
2.40
2.48
2.40
2.48
V
0°C ≤ TA ≤ +70°C
Output Short
Circuit Current
ISC
11
mA
Supply Current
IS
120
180
120
180
µAVIN = 0V, No Load
Power Dissipation
PD
0.9
0.9
mW
VS = ±2.5V
Input Capacitance
CIN
1
1
pF
Bandwidth
BW
700
700
KHz
Slew Rate
SR
0.7
0.7
V/µsAV = +1, RL =100KΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com