Electronic Components Datasheet Search
  English  ▼

X  

ALD1731ASAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1731ASAL
Description  PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1731ASAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1731ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD1731ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 2.0
www.aldinc.com
1 of 9
e
EPAD
TM
®
N A
B L
E D
E
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A/ALD1731
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD1731A/ALD1731 is a precision, low cost, monolithic CMOS
micropower high slew rate operational amplifier intended for a broad
range of analog applications using ±1V to ±5V dual power supply
systems, as well as +2V to +10V battery operated systems. All device
characteristics are specified for +5V single supply or ±2.5V dual supply
systems. Supply current is 250µA maximum at 5V supply voltage. It is
manufactured with Advanced Linear Devices' enhanced EPAD® silicon
gate CMOS process.
The ALD1731A/ALD1731 features extremely low input power require-
ments, practically removing any loading effects on high source imped-
ance signal sources such as cpacitive sensors. These devices do not add
any significant errors, regardless of what the souce impedance variations
may be, thereby improving overall system precision and accuracy. The
device is designed to offer the benefits of CMOS technology by providing
a wide range of desired specifications. The most important of these
specifications is extremely low input bias/offset currents at extremely low
input offset voltages. It has been developed specifically for the +5V single
supply or ±1V to ±5V dual supply user and offers the popular industry
standard pin configuration of µA741 and ICL7611 types.
Several additional important characteristics of the device make applica-
tion easier to implement at those voltages. First, the operational amplifier
can operate with rail to rail input and output voltages. This means the
signal input voltage and output voltage can be equal to the positive and
negative supply voltages. This feature allows numerous analog serial
stages and flexibility in input signal bias levels. Second, the device was
designed to accommodate mixed applications where digital and analog
circuits may operate off the same power supply or battery. Third, the
output stage can typically drive up to 50pF capacitive and 10KΩ resistive
loads.
These features, combined with extremely low input currents, high open
loop voltage gain of 100V/mV, useful bandwidth of 700KHz, a slew rate
of 0.7V/µs, low power dissipation of 0.5mW, low offset voltage and
temperature drift, make the ALD1731A/ALD1731 a versatile, micropower
operational amplifier.
The ALD1731A/ALD1731, designed and fabricated with silicon gate
CMOS technology, offers 0.01pA typical input bias current. On chip offset
voltage trimming, using EPAD technology, allows the device to be used
without nulling. Additionally, robust design and rigorous screening make
this device especially suitable for operation in temperature-extreme
environments and rugged conditions.
FEATURES & BENEFITS
• Extremely low input offset voltages --
35µV typical
• Extremely low input bias currents --
0.01pA typical
• All parameters specified for +5V single
supply or ±2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required --
unity gain stable
• Ideal for high source impedance applications
• Dual power supplies ±1.0V to ±5.0V
• Single power supply +2.0V to +10.0V
• High voltage gain -- typically 100V/mV
@ ±2.5V(100dB)
• Drive as low as 10KΩ load
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/µs
• Micropower dissipation
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1731ASAL
ALD1731APAL
ALD1731SAL
ALD1731PAL
ALD1731ASA
ALD1731ADA
ALD1731SA
ALD1731DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
PIN CONFIGURATION
* I/C pins are internally connected. Do not connect externally.
TOP VIEW
SAL, PAL, SA, DA PACKAGES
1
2
2
3
4
8
7
6
5
I/C
-IN
+IN
I/C
OUT
N/C
V-
V+


Similar Part No. - ALD1731ASAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1732 ALD-ALD1732 Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
ALD1732ADA ALD-ALD1732ADA Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
ALD1732APA ALD-ALD1732APA Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
ALD1732APAL ALD-ALD1732APAL Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results

Similar Description - ALD1731ASAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com