Electronic Components Datasheet Search
  English  ▼

X  

ALD2332A Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD2332A
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2332A Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD2332A Datasheet HTML 1Page - Advanced Linear Devices ALD2332A Datasheet HTML 2Page - Advanced Linear Devices ALD2332A Datasheet HTML 3Page - Advanced Linear Devices ALD2332A Datasheet HTML 4Page - Advanced Linear Devices ALD2332A Datasheet HTML 5Page - Advanced Linear Devices ALD2332A Datasheet HTML 6Page - Advanced Linear Devices ALD2332A Datasheet HTML 7Page - Advanced Linear Devices ALD2332A Datasheet HTML 8Page - Advanced Linear Devices ALD2332A Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ALD2332A/ALD2332B/ALD2332
Advanced Linear Devices
2 of 11
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
+10.6V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range PAL, SAL packages
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C V+ = +5V unless otherwise specified
2332A
2332B
2332
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply
VS
±2
±5
±2
±5
±2
±5
V
Dual Supply
Voltage
V+4
10
4
10
4
10
V
Single Supply
Supply
IS
350
500
350
500
350
500
µA
No Load
Current
Two Comparators
Voltage Gain
AVD
50
150
50
150
50
150
V/mV
RLOAD ≥ 15K
Input Offset Voltage
VOS
0.02
0.5
0.5
1.0
1.0
2.0
mV
RLOAD ≥ 1.5KΩ
Input Offset Current1
IOS
0.01
20
0.01
20
0.01
20
pA
Input Bias Current1
IB
0.01
20
0.01
20
0.01
20
pA
Common Mode Input
VICR
-0.3
V+ -1.5
-0.3
V+ -1.5
-0.3
V+ -1.5
V
Voltage Range
2
Low Level Sink
VOL
0.15
0.4
0.15
0.4
0.15
0.4
V
ISINK = 12mA
Output Voltage
VINPUT = 1V Differential
Low Level Sink
IOL
24
50
24
50
24
50
mA
VOL = 1.0 V
Output Current
SINK OUTPUT ON
High Level Source
VOH
3.5
4.5
3.5
4.5
3.5
4.5
V
ISOURCE = -2mA
Output Voltage
SOURCE OUTPUT ON
Response Time
2
tRP
1.1
1.1
1.1
µs
RL = 5.1KΩ, CL = 15pF
5mV Input Step/
0mV Overdrive
tRP
2.4
2.4
2.4
µs
RL = 5.1KΩ ,CL =15pF
1mVInput Step/
0mV Overdrive
tRP
400
400
400
ns
RL = 5.1KΩ, CL = 15pF
100mV Input Step/
20mV Overdrive
tRP
180
180
180
ns
RL = 5.1KΩ ,CL =15pF
TTL-Level Input Step
Common Mode
CMRR
80
80
80
dB
VINPUT = 0V to 2.5V
Rejection Ratio
Power Supply
PSRR
75
75
75
dB
V+ = 4V to 5V
Rejection Ratio
Notes:
1
Consists of junction leakage currents
2
Sample test parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com