Electronic Components Datasheet Search
  English  ▼

X  

ALD2332ASAL Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD2332ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2332ASAL Datasheet(HTML) 7 Page - Advanced Linear Devices

Back Button ALD2332ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 9Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 10Page - Advanced Linear Devices ALD2332ASAL Datasheet HTML 11Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ALD2332A/ALD2332B/ALD2332
Advanced Linear Devices
7 of 11
DOUBLE DUAL PRECISON PHOTO
DETECTOR MONITOR
VOLTAGE COMPARATOR WITH SINGLE
SUPPLY AND OUTPUT LEVEL SHIFT
+
-
+5V
VA= 0V to +10V
+10V
0
VOUT
VIN+
VIN-
VOUT
-
-
+
+
Q
Q
VIN
VREF
V+
PRECISION VOLTAGE COMPARATOR WITH
COMPLEMENTARY PUSH-PULL OUTPUTS
V+
VLIMIT2
PHOTO-
DETECTOR
LIGHT
-
-
+
+
LED
BUZZER
VLIMIT 1
VExternal
LED turns on as photo-detector voltage
reaches VLIMIT 1. Both LED and horn turns on
as photo-detector voltage reaches VLIMIT 2.
VExternal = +10V, V+ = +5V.
RESPONSE TIME MEASUREMENT CIRCUIT
Response time is defined as the interval between the application of an input step
function and the instant when the output reaches 50% of its maximum value as
measured by the following test circuit:
+
-
5.1KΩ
OUT
+5V
10X INPUT STEP
1KΩ
9KΩ
VIN
TYPICAL APPLICATIONS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com