Electronic Components Datasheet Search
  English  ▼

X  

SABMB16 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # SABMB16
Description  SUPERCAPACITOR AUTO BALANCING PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

SABMB16 Datasheet(HTML) 1 Page - Advanced Linear Devices

  SABMB16 Datasheet HTML 1Page - Advanced Linear Devices SABMB16 Datasheet HTML 2Page - Advanced Linear Devices SABMB16 Datasheet HTML 3Page - Advanced Linear Devices SABMB16 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2016 Advanced Linear Devices, Inc., Vers. 1.0
www.aldinc.com
1 of 4
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The SABMB16 is a universal Printed Circuit Board (PCB) designed
to be used with the entire ALD8100xx and ALD9100xx family of
SAB MOSFETs for system designers and application developers.
SAB MOSFETs are ALD exclusive EPAD® MOSFETs designed to
address leakage and voltage balance of supercapacitor cells
connected in series. SAB MOSFETs and the SABMB16 boards
are designed to be compact, economical and effective in balancing
any size supercapacitors with little or no additional power
dissipation.
Supercapacitors, also known as ultracapacitors, when connected
two, three or four cells in series can be balanced with ALD8100xx/
ALD9100xx packages installed on the SABMB16 board.
Supercapacitors, when connected more than four cells in series,
can be balanced with more than one SABMB16 board (each with
ALD8100xx/ ALD9100xx packages installed) connected in series.
SABMB16 is designed to be easy and ready to use as a plug-
and-play PCB, whether for developmental prototyping,
demonstration and evaluation, or production deployment
purposes. It is suited for balancing supercapacitor stacks ranging
from two in series to hundreds in series, and for supercapacitors
of 0.1F to 3000F and beyond. The average additional power
dissipation due to use of SABMB boards is zero, which makes
this method of supercapacitor balancing very energy efficient,
especially suited for low loss energy harvesting and long life battery
operated applications.
SABMB16 is a blank PCB, ready for ALD8100XX or ALD9100xx
to be installed. SABMB810025 is a SABMB16
with one
ALD810025SCLI installed and tested.
SABMB910025 is a
SABMB16 with two ALD910025SALI installed and tested. These
are rated for industrial tempurature of -40°C to +85°C.
SUPERCAPACITOR AUTO BALANCING PCB
The SABMB16 board is designed with the following additional
features for flexibility in a variety of different applications:
1)
One or two ALD9100xx dual SAB MOSFET units installed
per board.
2)
One ALD8100xx quad SAB MOSFET unit installed per
board.
3)
Two ALD9100xx and one ALD8100xx can be installed
on the same SABMB16 board. The two ALD9100xx are
connected in series whereas the ALD8100xx are
connected in parallel to the two ALD9100xx units.
4)
Optional R1 and R2 resistors can be installed with values
ranging from open circuit to 0 Ω.
5)
Optional reverse biased external power diodes (schottky
rectifiers) can be installed, where necessary, across each
SAB MOSFET.
6)
Each SABMB16 PCB can be cascaded to the next
SABMB16 PCB to form a series chain to parallel a series-
connected chain of supercapacitor cells.
7)
Compact size of 0.6 in. by 1.6 in. with mounting holes
8)
Rated for RoHS compatible/industrial temperature range
of -40°C to +85°C
r
e
b
m
u
N
t
r
a
Pn
o
i
t
p
i
r
c
e
D
6
1
B
M
B
A
SB
C
P
l
a
s
r
e
v
i
n
U
k
n
a
l
B
5
2
0
0
1
8
B
M
B
A
S
h
t
i
w
d
r
a
o
B
6
1
B
M
B
A
S
I
L
C
S
5
2
0
0
1
8
D
L
A
e
n
o
5
2
0
0
1
9
B
M
B
A
S
h
t
i
w
d
r
a
o
B
6
1
B
M
B
A
S
I
L
A
S
5
2
0
0
1
9
D
L
A
o
w
t
X
X
0
0
1
8
B
M
B
A
S
h
t
i
w
d
r
a
o
B
6
1
B
M
B
A
S
I
L
C
S
X
X
0
0
1
8
D
L
A
e
n
o
X
X
0
0
1
9
B
M
B
A
S
h
t
i
w
d
r
a
o
B
6
1
B
M
B
A
S
I
L
A
S
X
X
0
0
1
9
D
L
A
o
w
t
SABMB16 / SABMB810025
SABMB910025 / SABMB8100XX / SABMB9100XX
Note: SABMB8100XX/SABMB9100XX are optional with
specified ALD8100XXSCLI or ALD9100XXSALI units
installed. Minimum order quantity (MOQ) requirements
may apply. XX = 16,17,18,19,20,21,22,23,24,26,27,28
See page 4 for full listing of part numbers.
ORDERING INFORMATION
A
A
B
B
C
C
D
D
E
E
V+
R1
R2
U3
U2
V-
1600 mil
600 mil
* Magnified, not to scale
MECHANICAL DRAWING


Similar Part No. - SABMB16

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
SABMB16 ALD-SABMB16 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16 Datasheet
459Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB16 ALD-SABMB16_18 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16_V01 Datasheet
459Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
More results

Similar Description - SABMB16

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD8100XX ALD-ALD8100XX Datasheet
550Kb / 17P
SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
SABMB2 ALD-SABMB2 Datasheet
56Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16_18 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB2 ALD-SABMB2_V01 Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB6 ALD-SABMB6 Datasheet
455Kb / 4P
6-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB16 ALD-SABMB16_V01 Datasheet
459Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com