Electronic Components Datasheet Search
  English  ▼

X  

HT7A6322 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7A6322
Description  Low Power Primary Switcher for Off Line SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A6322 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7A6322 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7A6322 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev. 1.10
9
July 17, 2015
HT7A6322
8-pin SOP (150mil) Outline Dimensions
,
.
+
/
0
=
-
&

)
*
+
"
#
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.236 BSC
—
B
—
0.154 BSC
—
C
0.012
—
0.020
C′
—
0.193 BSC
—
D
—
—
0.069
E
—
0.050 BSC
—
F
0.004
—
0.010
G
0.016
—
0.050
H
0.004
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
6.00 BSC
—
B
—
3.90 BSC
—
C
0.31
—
0.51
C′
—
4.90 BSC
—
D
—
—
1.75
E
—
1.27 BSC
—
F
0.10
—
0.25
G
0.40
—
1.27
H
0.10
—
0.25
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com