Electronic Components Datasheet Search
  English  ▼

X  

HT7718 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT7718
Description  PFM Asynchronous Step-up DC to DC Converter (100mA)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT7718 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
3-pin TO92 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
0.180
0.205
B
0.170
¾
0.210
C
0.500
0.580
¾
D
¾
0.015 Typ
¾
E
¾
0.010 Typ
¾
F
¾
0.050 Typ
¾
G
¾
0.035 Typ
¾
H
0.125
0.142
0.165
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.39
4.57
5.21
B
4.32
¾
5.33
C
12.70
14.73
¾
D
¾
0.38 Typ
¾
E
¾
2.54 Typ
¾
F
¾
1.27 Typ
¾
G
¾
0.89 Typ
¾
H
3.18
3.61
4.19
HT77xx
Rev 2.00
12
June 25, 2016
A
B
C
E
F
G
H
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com