Electronic Components Datasheet Search
  English  ▼

X  

HT7991 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7991
Description  Asynchronous Step-up PWM Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7991 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7991 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7991 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev. 1.20
4
June 01, 2017
HT7991
Electrical Characteristics
(VIN=3.3V and TA=+25°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VIN
Input Voltage Range
2.6
5.5
V
IQ
Quiescent Current – Non-switching
VFB=0.66V
210
μA
IIN
Supply Current – Switching
VFB=0.55V
1.5
mA
ISHDN
Shutdown Current
VIN=2.4V, VEN=0V
0.1
1
μA
Boost Converter
VOUT
Output Voltage Range
3
12
V
fSW
Switching Frequency
VFB=0.5V
0.8
1.0
1.2
MHz
Switching Frequency Variation
VIN=2.6V to 5.5V
5
%
DMAX
Maximum Duty Cycle
90
%
RDS
Internal Power MOSFET Drain Source
Resistance – RDS(ON)
ILX=2A
0.2
Ω
ISWL
Driver Leakage Current
VEN=0V, VLX=12V
0.1
1
μA
VFB
Feedback Voltage
0.588
0.6
0.612
V
Output Voltage Line Regulation
VIN=2.6V to 5.5V
0.2
%/V
VEN
EN High Voltage Threshold
1.2
V
VEN
EN Low Voltage Threshold
0.4
V
Protections
VUVLO
Input Supply Turn On Voltage Level
UVLO+
2.2
V
UVLO Hysteresis
100
mV
IOCP
Over Current Protection Threshold
OC is floating (default)
2.5
A
VOVP
Output Over Voltage Threshold
OVP
17
V
tOTP
Thermal Shutdown Threshold
OTP
150
°C
tR
Thermal Recovery Temperature
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com