Electronic Components Datasheet Search
  English  ▼

X  

B5818WS Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # B5818WS
Description  SOD-323 Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B5818WS Datasheet(HTML) 2 Page - Nanjing International Group Co

  B5818WS Datasheet HTML 1Page - Nanjing International Group Co B5818WS Datasheet HTML 2Page - Nanjing International Group Co B5818WS Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
010
20
30
40
1E-3
0.01
0.1
1
10
T
a
=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
3
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(
)
℃
Forward
Characteristics
FORWARD VOLTAGE
V
F
(V)
T
a
=75 ℃
Reverse
Characteristics
REVERSE VOLTAGE
V
R
(V)
T
a
=25 ℃
T
a
=100 ℃
Typical Characteristics
2
E,Mar,2015
B5817WS-5819WS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com