Electronic Components Datasheet Search
  English  ▼

X  

RH73 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RH73
Description  SMD High Value Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RH73 Datasheet(HTML) 1 Page - Tyco Electronics

  RH73 Datasheet HTML 1Page - Tyco Electronics RH73 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD High Value Resistors
Type RH73 Series
Literature No. 1773268
Issued: 04-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I Values up to 100 Gig Ohms
I Custom Designs Possible
I Choice of Packages
I Supplied on Reels of 1000
I Wide Tolerances / TCRs
I Available via Distribution
Type RH73 Series
The RH73 Series is a stable high value
chip resistor range offering various
power dissipation relating to chip size.
Tyco is pleased to offer this innovative
range of chip resistors up to 100 Gig.
The RH73 series is suitable for flow and
reflow soldering. It has a thick film
resistor element and three layers of ter-
minal material to ensure high reliability.
It is attractively priced and available on
7" reels with 1000 pieces per reel.
Power Derating Curve
Characteristics -
Electrical
T.C.R's Available per Resistance Value (ppm/°C)
Type
10M - 100M
100M1 - 1G0
1G1 - 10G
10G1 - 33G
33G1 - 100G
RH73 1E
100/250
500/1000
1000/2000
-
-
RH73 1J
100/250
250/500
500/1000
1000/2000
-
RH73 2A
50/100
250/500
500/1000
1000/2000
2000/3000
RH73 2B
50/100
250/500
500/1000
1000/2000
2000/3000
RH73 2E
50/100
100/250
250/500
250/500
500/1000
RH73 3A
50/100
100/250
250/500
250/500
500/1000
Tolerances Available per Resistance Value (%)
Type
10M - 100M
100M1 - 1G0
1G1 - 10G
10G1 - 33G
33G1 - 100G
RH73 1E
5/10/20
5/10/20
10/20/30
-
-
RH73 1J
5/10/20
5/10/20
10/20/30
10/20/30
-
RH73 2A
2/5/10/20
5/10/20
5/10/20
10/20/30
10/20/30
RH73 2B
2/5/10/20
5/10/20
5/10/20
5/10/20
10/20/30
RH73 2E
2/5/10/20
5/10/20
5/10/20
5/10/20
5/10/20
RH73 3A
2/5/10/20
5/10/20
5/10/20
5/10/20
5/10/20
-60 -55 -40
-20
0
20
40
60 70 80
100
120 125
100
80
60
40
20
0
Ambient Temperature (°C)
Power Rating
Max. Working
Type
@ 70°C
Voltage
RH73 1E
0.050 W
30V
RH73 1J
0.075 W
75V
RH73 2A
0.125 W
100V
RH73 2B
0.250W
200V
RH73 2E
0.350W
300V
RH73 3A
0.600W
1000V
Long Term Stability
<100M
<1G0
1G - 100G
Storage 125°C/1000Hrs
∆R <0.15%
∆R <0.35%
∆R <0.35%
Maximum Voltage/1000Hrs
∆R <0.35%
∆R <0.50%
∆R <0.50%
Temperature Range
-55°C to +125°C
Climatic Category
55/125/56
Solderability
235°C for 5 Seconds
Maximum Soldering Temp.
260°C for 5 Seconds
For resistors operated in ambient temperatures above 70°C, power rating must be derated in accordance
with the curve right.
Values above 100 Meg ohms do not have glaze coat. This is to avoid reaction with a Galvanic coating on the
terminals. This does not effect the the resistor performance.


Similar Part No. - RH73

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RH73 MERITEK-RH73 Datasheet
413Kb / 4P
Advanced thin film technology
logo
TE Connectivity Ltd
RH73 TEC-RH73 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
List of Unclassifed Man...
RH737 ETC2-RH737 Datasheet
235Kb / 1P
Nylon-Insulated Ring Terminals
More results

Similar Description - RH73

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
Ultra-High Value Precision Resistors
GC55 WELWYN-GC55 Datasheet
121Kb / 2P
High Value Thick Film Resistors
logo
Willow Technologies Ltd
GST1210 WILLOW-GST1210 Datasheet
924Kb / 2P
High Value Resistors radial leaded
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
Precision High Value Chip Resistors
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
High-Value Chip Resistors
logo
American Accurate Compo...
RHAL100GFP AAC-RHAL100GFP Datasheet
100Kb / 1P
Ultra High Value Resistors
logo
List of Unclassifed Man...
HR ETC1-HR Datasheet
280Kb / 2P
HIGH VALUE SURFACE MOUNTED RESISTORS
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
HIGH RESISTANCE VALUE CHIP RESISTORS
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
Ultra-High Value Precision Resistors
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
High Value Thick Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com