Electronic Components Datasheet Search
  English  ▼

X  

THS4509 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4509 Datasheet(HTML) 1 Page - Texas Instruments

  THS4509 Datasheet HTML 1Page - Texas Instruments THS4509 Datasheet HTML 2Page - Texas Instruments THS4509 Datasheet HTML 3Page - Texas Instruments THS4509 Datasheet HTML 4Page - Texas Instruments THS4509 Datasheet HTML 5Page - Texas Instruments THS4509 Datasheet HTML 6Page - Texas Instruments THS4509 Datasheet HTML 7Page - Texas Instruments THS4509 Datasheet HTML 8Page - Texas Instruments THS4509 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
APPLICATIONS
THS 4509
CM
From
50
Ω
Source
VIN
0.22
µF
49.9
Ω
69.8
Ω
100
Ω
69.8
Ω
100
Ω
348
Ω
2.5 V
−2.5 V
348
Ω
487
Ω
487
Ω
56.3
Ω
1:1
VOUT
Open
To 50
Ω
Test
Equipment
DESCRIPTION
-1 10
-105
-100
-95
-90
-85
-80
-75
1
10
100
f - Frequency - MHz
HD3
HD2
G = 10 dB,
VO = 2 VPP,
RL = 1 kW
THS4509
SLOS454 – JANUARY 2005
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
To allow for dc coupling to ADCs, its unique output
common-mode control circuit maintains the output
•
Fully Differential Architecture
common-mode voltage within 3 mV offset (typ) from
•
Centered Input Common-mode Range
the set voltage, when set within 0.5 V of mid-supply,
with less than 4 mV differential offset voltage. The
•
Minimum Gain of 2V/V (6 dB)
common-mode set point is set to mid-supply by
•
Bandwidth: 1900 MHz (100 mVpp, G = 10 dB,
internal circuitry, which may be over-driven from an
RL = 200 Ω)
external source.
•
Slew Rate: 6600 V/µs (2V step, G = 10 dB)
The input and output are optimized for best perform-
•
1% Settling Time: 2 ns (2 V step, G = 10 dB)
ance with their common-mode voltages
set
to
•
HD2: –75 dBc at 100 MHz (2 Vpp, G = 10 dB,
mid-supply. Along with high performance at low
RL = 1 kΩ)
power supply voltage, this makes for extremely high
performance single supply 5 V data acquisition sys-
•
HD3: –80 dBc at 100 MHz (2 Vpp, G = 10 dB,
tems. The combined performance of the THS4509 in
RL = 1 kΩ)
a gain of 10 dB driving the ADS5500 ADC, sampling
•
OIP2: 79 dBm at 70 MHz (2 Vpp envelope,
at 125 MSPS, is 81 dBc SFDR and 69.1 dBc SNR
G = 10 dB)
with a –1 dBFS signal at 70 MHz.
•
OIP3: 43 dBm at 70 MHz (2 Vpp envelope,
The THS4509 is offered in a Quad 16-pin leadless
G = 10 dB)
QFN package (RGT), and is characterized for oper-
•
Input Voltage Noise: 1.9 nV/
√Hz (f >10 MHz)
ation over the full industrial temperature range from
–40
°C to 85°C.
•
Noise Figure: 17.1 dB (50
Ω System, G = 10
dB)
•
Output Common-Mode Control
•
Power Supply:
– Voltage: 3 V (
±1.5 V) to 5 V (±2.5 V)
– Current: 37.7 mA
•
Power-Down Capability: 0.65 mA
•
5 V Data Acquisition Systems High
Linearity ADC Amplifier
•
Wireless Communication
•
Medical Imaging
•
Test and Measurement
The THS4509 is a wideband, fully differential op amp
designed for 5 V data acquisition systems. It has very
low noise at 1.9 nV/
√Hz, and extremely low harmonic
distortion of –75 dBc HD2 and –80 dBc HD3 at 100
MHz with 2 Vpp, G = 10 dB, and 1 k
Ω load. Slew rate
is very high at 6600 Vµs and with settling time of 2 ns
to 1% (2 V step) it is ideal for pulsed applications. It is
designed for minimum gain of 6 dB, but is optimized
for gain of 10 dB.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
1,002Kb / 23P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509 Datasheet
1Mb / 43P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 41P
WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513 TI-THS4513 Datasheet
3Mb / 34P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com