Electronic Components Datasheet Search
  English  ▼

X  

1324770-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1324770-2
Description  Easy connections to equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1324770-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1324770-2 Datasheet HTML 1Page - Tyco Electronics 1324770-2 Datasheet HTML 2Page - Tyco Electronics 1324770-2 Datasheet HTML 3Page - Tyco Electronics 1324770-2 Datasheet HTML 4Page - Tyco Electronics 1324770-2 Datasheet HTML 5Page - Tyco Electronics 1324770-2 Datasheet HTML 6Page - Tyco Electronics 1324770-2 Datasheet HTML 7Page - Tyco Electronics 1324770-2 Datasheet HTML 8Page - Tyco Electronics 1324770-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Catalog 6-1773442-9
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 9-08
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
6 Position IEEE 1394 Connectors
Connector System for IEEE 1394 Serial Bus
Note: All part numbers are RoHS
compliant.
Receptacle Assembly
Right-Angle, Thru-Hole
Part Number
5788516-1
Material and Finish
Housing — Thermoplastic, UL94V-0,
black
Contact — Copper alloy, palladium
nickel, gold and tin plated, nickel under-
plated
Recommended PCB Layout
4.65
[.183]
3.80
[.150]
2.00
[.079]
10.00
[.394]
12.26
[.483]
9.00
[.354]
6.45
[.254]
16.25
[.640]
15.00
[.591]
11.30
[.445]
2.00
[.079]
Ø 1.60
[.063]
Ø 0.80
[.031]
Typ.
4.65
[.183]
11.70
[.461]
10.00
[.394]
1.00
[.039]
2.50
[.098]
13.70
[.539]
6.20
[.244]
1.00
[.039]
2.50
[.098]
8.30
[.327]
4.50
[.177]
1.60
[.063]
Shell Solder Pad
Description
Part Number
Orientation
SMT /
Color
T/L
Page
Thru-Hole
Number
5788516-1
Right-Angle
Thru-Hole
Black
2.0
2
1734368-1
Right-Angle
SMT
Black
SMT
3
Receptacle
1734368-2
Right-Angle
SMT
Natural
SMT
3
1734290-1
Vertical
Thru-Hole
Black
2.69
4
1734290-2
Vertical
Thru-Hole
Black
3.18
4
5787956-1
Flag
Thru-Hole
Black
3.36
5
Plug Kit
5787950-1
Cable Plug
N/A
Gray
N/A
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com