Electronic Components Datasheet Search
  English  ▼

X  

XZMYLA109FS Datasheet(PDF) 3 Page - SunLED Corporation

Part # XZMYLA109FS
Description  IR-reflow compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMYLA109FS Datasheet(HTML) 3 Page - SunLED Corporation

  XZMYLA109FS Datasheet HTML 1Page - SunLED Corporation XZMYLA109FS Datasheet HTML 2Page - SunLED Corporation XZMYLA109FS Datasheet HTML 3Page - SunLED Corporation XZMYLA109FS Datasheet HTML 4Page - SunLED Corporation XZMYLA109FS Datasheet HTML 5Page - SunLED Corporation XZMYLA109FS Datasheet HTML 6Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Number: XZMYLA109FS
3.5x2.8 mm SMD CHIP LED LAMP
Feb 19, 2016
XDSB8557 V1-Z Layout: Maggie L.
P. 3/6
Absolute Maximum Ratings at TA=25°C
Notes:
1.Results from mounting on PC board FR4(pad size≥70mm2), mounted on pc board-metal core PCB is recommend
for lowest thermal Resistance.
2.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
3.1/10 Duty Cycle, 0.1ms Pulse Width.
4.A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process
(Reference JEDEC/JESD625-A and JEDEC/J-STD-033)
Electrical / Optical Characteristics at TA=25°C
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous Intensity
CIE127-2007*
(IF=150mA)
mcd
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2
θ 1/2
min.
typ.
min.
typ.
XZMYLA109FS
Yellow
AlGaInP
Water Clear
3600*
4490*
12000*
13700*
590*
120
°
Luminous Flux
CIE127-2007*
(IF=150mA)*
mlm
Notes:
LEDs are binned according to their luminous flux.
*Luminous intensity/luminous flux value and wavelength are in accordance with CIE127-2007 standards.
*wavelength value is in accordance with CIE127-2007 standards.
Parameter
Symbol
Value
Unit
Power Dissipation
PD
495
mW
Junction Temperature [1]
TJ
110
°C
Operating Temperature
Top
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
°C
DC Forward Current [1]
IF
150
mA
Peak Forward Current [2]
IFM
200
mA
Thermal Resistance [1]
(Junction/ambient)
Rth j-a
135
°C/W
Thermal Resistance [1]
(Junction/solder point)
Rth j-S
55
°C/W
8000
V
Electrostatic Discharge Threshold (HBM)
Reverse Voltage
VR
5
V
Parameter
Symbol
Value
Unit
Wavelength at peak emission CIE127-2007* IF=150mA
[Typ.]
λpeak
590*
nm
Dominant Wavelength CIE127-2007* IF=150mA
[Typ.]
λdom [1]
590*
nm
Spectral Line Half-width IF=150mA [Typ.]
Δλ
20
nm
VF [2]
V
Forward Voltage IF=150mA [Typ.]
2.7
Forward Voltage IF=150mA [Max.]
3.3
Allowable Reverse Current [Max.]
IR
85
mA
Capacitance
C
45
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com