Electronic Components Datasheet Search
  English  ▼

X  

TLP176GA Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP176GA
Description  TOSHIBA Photocoupler Photorelay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP176GA Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP176GA Datasheet HTML 1Page - Toshiba Semiconductor TLP176GA Datasheet HTML 2Page - Toshiba Semiconductor TLP176GA Datasheet HTML 3Page - Toshiba Semiconductor TLP176GA Datasheet HTML 4Page - Toshiba Semiconductor TLP176GA Datasheet HTML 5Page - Toshiba Semiconductor TLP176GA Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP176GA
2002-01-08
1
TOSHIBA Photocoupler Photorelay
TLP176GA
PBX
Telecommunication
Modem・FAX Cards, Modems In PC
Measurement Instrumentation
The TOSHIBA TLP176GA consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a SOP,
which is suitable for surface mount assembly.
The TLP176GA is suitable for the modem applications which require
space savings.
· 4 pin SOP (2.54SOP4): 2.1 mm high, 2.54 mm pitch
· 1-form-A
· Peak off-state voltage: 400 V (min)
· Trigger LED current: 3 mA (max)
· On-state current: 120 mA (max)
· On-state resistance: 35 Ω (max)
· Isolation voltage: 1500 Vrms (min)
Pin Configuration (top view)
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
11-5H1
Weight: 0.1 g (typ.)
1
2
4
3
1: ANODE
2: CATHODE
3: DRAIN
4: DRAIN


Similar Part No. - TLP176GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
178Kb / 6P
Photocoupler Photorelay
TLP176GA TOSHIBA-TLP176GA_07 Datasheet
178Kb / 6P
Photocoupler Photorelay
More results

Similar Description - TLP176GA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G Datasheet
138Kb / 6P
TOSHIBA Photocoupler Photorelay
18-Apr-2002
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
TOSHIBA Photocoupler Photorelay
TLP202G TOSHIBA-TLP202G Datasheet
131Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP592A TOSHIBA-TLP592A_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP4597G TOSHIBA-TLP4597G_14 Datasheet
250Kb / 6P
TOSHIBA Photocoupler Photorelay
TLP170A TOSHIBA-TLP170A Datasheet
350Kb / 6P
TOSHIBA Photocoupler Photorelay
2019-06-17
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
TOSHIBA Photocoupler Photorelay
2019-06-24
TLX9160T TOSHIBA-TLX9160T Datasheet
511Kb / 7P
TOSHIBA Photocoupler Photorelay
2021-04-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com