Electronic Components Datasheet Search
  English  ▼

X  

TSV6191 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV6191
Description  Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6191 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV6191 Datasheet HTML 6Page - STMicroelectronics TSV6191 Datasheet HTML 7Page - STMicroelectronics TSV6191 Datasheet HTML 8Page - STMicroelectronics TSV6191 Datasheet HTML 9Page - STMicroelectronics TSV6191 Datasheet HTML 10Page - STMicroelectronics TSV6191 Datasheet HTML 11Page - STMicroelectronics TSV6191 Datasheet HTML 12Page - STMicroelectronics TSV6191 Datasheet HTML 13Page - STMicroelectronics TSV6191 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application information
TSV619x, TSV619xA
10/18
DocID17974 Rev 2
3.5
Macromodel
An accurate macromodel of the TSV619x is available on STMicroelectronics’ web site at
www.st.com. This model is a trade-off between accuracy and complexity (that is, time
simulation) of the TSV619x operational amplifiers. It emulates the nominal performances of
a typical device within the specified operating conditions mentioned in the datasheet. It also
helps to validate a design approach and to select the right operational amplifier, but it does
not replace on-board measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com