Electronic Components Datasheet Search
  English  ▼

X  

TSX711 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX711
Description  Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX711 Datasheet(HTML) 1 Page - STMicroelectronics

  TSX711 Datasheet HTML 1Page - STMicroelectronics TSX711 Datasheet HTML 2Page - STMicroelectronics TSX711 Datasheet HTML 3Page - STMicroelectronics TSX711 Datasheet HTML 4Page - STMicroelectronics TSX711 Datasheet HTML 5Page - STMicroelectronics TSX711 Datasheet HTML 6Page - STMicroelectronics TSX711 Datasheet HTML 7Page - STMicroelectronics TSX711 Datasheet HTML 8Page - STMicroelectronics TSX711 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
March 2017
DocID025959 Rev 5
1/31
This is information on a product in full production.
www.st.com
TSX711, TSX711A, TSX712
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS
operational amplifiers
Datasheet - production data
Features
Low input offset voltage: 200 µV max.
Rail-to-rail input and output
Low current consumption: 800 µA max.
Gain bandwidth product: 2.7 MHz
Low supply voltage: 2.7 - 16 V
Unity gain stable
Low input bias current: 50 pA max.
High ESD tolerance: 4 kV HBM
Extended temp. range: -40 °C to 125 °C
Automotive qualification
Related products
See the TSX7191 and TSX7192 for higher
speeds with similar precision
See the TSX561 and TSX562 for low-power
features
See the TSX631 and TSX632 for micro-
power features
See the TSX921 and TSX922 for higher
speeds
Applications
Battery-powered instrumentation
Instrumentation amplifier
Active filtering
DAC buffer
High-impedance sensor interface
Current sensing (high and low side)
Description
The TSX711, TSX711A, and TSX712 series of
operational amplifiers (op amps) offer high
precision functioning with low input offset voltage
down to a maximum of 200 µV at 25 °C. In
addition, their rail-to-rail input and output
functionality allow these products to be used on
full range input and output without limitation. This
is particularly useful for a low-voltage supply such
as 2.7 V that the TSX71x is able to operate with.
Thus, the TSX71x has the great advantage of
offering a large span of supply voltages, ranging
from 2.7 V to 16 V. They can be used in multiple
applications with a unique reference.
Low input bias current performance makes the
TSX71x perfect when used for signal conditioning
in sensor interface applications. In addition, low-
side and high-side current measurements can be
easily made thanks to rail-to-rail functionality.
High ESD tolerance (4 kV HBM) and a wide
temperature range are also good arguments to
use the TSX71x in the automotive market
segment.


Similar Part No. - TSX711

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191A STMICROELECTRONICS-TSX7191A Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191AILT STMICROELECTRONICS-TSX7191AILT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191AIYLT STMICROELECTRONICS-TSX7191AIYLT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX7191ILT STMICROELECTRONICS-TSX7191ILT Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
More results

Similar Description - TSX711

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
logo
Analog Devices
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX7191 STMICROELECTRONICS-TSX7191 Datasheet
1Mb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
17-Mar-2017
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com