Electronic Components Datasheet Search
  English  ▼

X  

TSX920 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX920
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX920 Datasheet(HTML) 1 Page - STMicroelectronics

  TSX920 Datasheet HTML 1Page - STMicroelectronics TSX920 Datasheet HTML 2Page - STMicroelectronics TSX920 Datasheet HTML 3Page - STMicroelectronics TSX920 Datasheet HTML 4Page - STMicroelectronics TSX920 Datasheet HTML 5Page - STMicroelectronics TSX920 Datasheet HTML 6Page - STMicroelectronics TSX920 Datasheet HTML 7Page - STMicroelectronics TSX920 Datasheet HTML 8Page - STMicroelectronics TSX920 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
January 2016
DocID024310 Rev 4
1/32
This is information on a product in full production.
www.st.com
TSX920, TSX921, TSX922,
TSX923
10 MHz rail-to-rail CMOS 16 V operational amplifiers
Datasheet - production data
Features
Rail-to-rail input and output
Wide supply voltage: 4 V - 16 V
Gain bandwidth product: 10 MHz typ at 16 V
Low power consumption: 2.8 mA typ per
amplifier at 16 V
Unity gain stable
Low input bias current: 10 pA typ
High tolerance to ESD: 4 kV HBM
Extended temperature range:
-40 °C to 125 °C
Automotive qualification
Related products
See the TSX5 series for low-power features
See the TSX6 series for micro-power
features
See the TSX929 series for higher speeds
See the TSV9 series for lower voltages
Applications
Communications
Process control
Test equipment
Description
The TSX92x single and dual operational
amplifiers (op amps) offer excellent AC
characteristics such as 10 MHz gain bandwidth,
17 V/ms slew rate, and 0.0003 % THD+N. These
features make the TSX92x family particularly
well-adapted for communications, I/V amplifiers
for ADCs, and active filtering applications.
Their rail-to-rail input and output capability, while
operating on a wide supply voltage range of 4 V
to 16 V, allows these devices to be used in a
wide range of applications. Automotive
qualification is available as these devices can be
used in this market segment.
Shutdown mode is available on the single
(TSX920) and dual (TSX923) versions enabling
an important current consumption reduction while
this function is active.
The TSX92x family is available in SMD packages
featuring a high level of integration. The DFN8
package, used in the TSX922, with a typical size
of 2x2 mm and a maximum height of 0.8 mm
offers even greater package size reduction.
Table 1: Device summary
Op-amp
version
With shutdown
mode
Without
shutdown mode
Single
TSX920
TSX921
Dual
TSX923
TSX922


Similar Part No. - TSX920

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX921 STMICROELECTRONICS-TSX921 Datasheet
658Kb / 19P
Tiny, low power, 16 V single operational amplifier for cost-optimized systems
09-Nov-2020
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
TSX9291ILT STMICROELECTRONICS-TSX9291ILT Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
TSX9291IYLT STMICROELECTRONICS-TSX9291IYLT Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
TSX9292 STMICROELECTRONICS-TSX9292 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
More results

Similar Description - TSX920

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
152Kb / 12P
16 V Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Analog Devices
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
16 V Rail-to-Rail Operational Amplifiers
10/2017-Rev. G to Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com