Electronic Components Datasheet Search
  English  ▼

X  

TPA0252 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA0252
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0252 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA0252 Datasheet HTML 17Page - Texas Instruments TPA0252 Datasheet HTML 18Page - Texas Instruments TPA0252 Datasheet HTML 19Page - Texas Instruments TPA0252 Datasheet HTML 20Page - Texas Instruments TPA0252 Datasheet HTML 21Page - Texas Instruments TPA0252 Datasheet HTML 22Page - Texas Instruments TPA0252 Datasheet HTML 23Page - Texas Instruments TPA0252 Datasheet HTML 24Page - Texas Instruments TPA0252 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
f
(c) +
1
2 p R
L C(C)
(7)
RL
C(C)
VO(PP)
VO(PP)
VDD
−3 dB
fc
Single-Ended Operation
BTL AMPLIFIER EFFICIENCY
V(LRMS)
VO
IDD
IDD(avg)
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
For example, a 68-µF capacitor with an 8-
Ω speaker would attenuate low frequencies below 293 Hz. The BTL
configuration cancels the dc offsets, eliminating the need for blocking capacitors. Low-frequency performance is
then limited only by the input network and speaker response. Cost and PCB space are also minimized by
eliminating the bulky coupling capacitor.
Figure 37. Single-Ended Configuration and Frequency Response
Increasing power to the load does carry a penalty of increased internal power dissipation. The increased
dissipation is understandable, since the BTL configuration produces 4
× the output power of the SE configuration.
Internal dissipation versus output power is discussed further in the Crest Factor and Thermal Considerations
section.
In SE mode (see Figure 37), the load is driven from the primary amplifier output for each channel (LOUT+ and
ROUT+).
The amplifier switches to single-ended operation when the SE/BTL terminal is held high. This puts the negative
outputs in a high-impedance state, and reduces the amplifier's gain by 6 dB.
Class-AB amplifiers are inefficient, primarily because of voltage drop across the output-stage transistors. The two
components of the internal voltage drop are the headroom or dc voltage drop that varies inversely to output
power, and the sine wave nature of the output. The total voltage drop can be calculated by subtracting the RMS
value of the output voltage from VDD. The internal voltage drop multiplied by the RMS value of the supply current
(IDDrms) determines the internal power dissipation of the amplifier.
An easy-to-use equation to calculate efficiency begins as the ratio of power from the power supply to the power
delivered to the load. To accurately calculate the RMS and average values of power in the load and in the
amplifier, the current and voltage waveforms must be understood (see Figure 38).
Figure 38. Voltage and Current Waveforms for BTL Amplifiers
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com