Electronic Components Datasheet Search
  English  ▼

X  

TPC8208 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8208
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8208 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8208 Datasheet HTML 1Page - Toshiba Semiconductor TPC8208 Datasheet HTML 2Page - Toshiba Semiconductor TPC8208 Datasheet HTML 3Page - Toshiba Semiconductor TPC8208 Datasheet HTML 4Page - Toshiba Semiconductor TPC8208 Datasheet HTML 5Page - Toshiba Semiconductor TPC8208 Datasheet HTML 6Page - Toshiba Semiconductor TPC8208 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8208
2003-02-18
4
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
VGS = 1.4 V
0
0.2
0.4
0.6
Common source
Ta
= 25°C
Pulse test
0.8
1
0
2
4
6
8
10
1.9
2.5
2
4
10
3
1.8
1.7
1.6
1.5
0
0
0.5
1
1.5
2
2.5
2
4
6
8
10
Common source
VDS = 10 V
Pulse test
Ta
= -55°C
100
25
0
0
2
4
6
8
10
12
0.2
0.4
0.6
0.8
1.0
Common source
Ta
= 25°C
Pulse test
ID = 5 A
2.5
1.2
1
0.1
1
10
100
10
100
1000
VGS = 2.5 V
4
Common source
Ta
= 25°C
Pulse test
0.1
0.1
1
10
30
1
10
100
Common source
VDS = 10 V
Pulse test
Ta
= -55°C
100
25
0
4
8
12
16
20
0
0.4
0.8
1.2
1.6
2.0
VGS = 1.4 V
10
5
4
Common
source
Ta
= 25°C
Pulse test
1.8
2.6
3
2.4
2.2
2.0
1.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com