Electronic Components Datasheet Search
  English  ▼

X  

SMD32PL Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SMD32PL
Description  3 Amp Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMD32PL Datasheet(HTML) 1 Page - Nanjing International Group Co

  SMD32PL Datasheet HTML 1Page - Nanjing International Group Co SMD32PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier
Diodes
20 to 100 Volts
Features
•
High-Surge-Capability
•
Low Forward Voltage
•
Low Profile Package
Symbol
Parameter
Rating
Unit
VRMS
Maximum RMS Voltage
SMD32PL
SMD34PL
14
28
V
VRRM
Repetitive Peak Reverse Voltage SMD32PL
SMD34PL
20
40
V
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at TL=90
3.0
A
IFSM
Surge Forward Current,halfsine wave 8.3ms
75
A
TJ
Junction Temperature
-65 to +150
OC
TSTG
Storage Temperature
-65 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltag
SMD32PL~34PL
SMD36PL
---
---
---
---
0.50
0.65
V
Cj
Typical--Junction--Capacitance
@f=1.0MHz,Vr=4V
---
210
---
pF
www.mccsemi.com
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
SOD-123FL
OC
Maximum Ratings
M
echanical Data
•
Packaging: SOD-123FL
•
Marking Code: SMD32PL---K32; SMD34PL---K34; SMD36PL---K36
SMD38PL---K38; SMD310PL---KA0;
SMD36PL
SMD38PL
SMD310PL
SMD36PL
SMD38PL
SMD310PL
60
80
100
42
56
70
2. Thermal Resistance:PC Board Mounted on 0.2*0.2''(5*5mm) copper pad area.
(@2A dc)
RthJA
RthJC
RthJL
Typical Thermal Resistance
(Note2)
OC/W
60
30
21
PD
Power Dissipation
OC/W
OC/W
1.68
W
SMD38PL~310PL
0.85
---
---
Maximum DC Reverse Current
0.2
mA
---
IR
---
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
SMD32PL
THRU SMD310PL
3
Amp Schottky Barrier Diodes


Similar Part No. - SMD32PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMD32PL DGNJDZ-SMD32PL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD32PL DGNJDZ-SMD32PL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD32PL DGNJDZ-SMD32PL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
logo
Micro Commercial Compon...
SMD32PL MCC-SMD32PL Datasheet
308Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Nanjing International G...
SMD32PL-3A-SOD-123FL DGNJDZ-SMD32PL-3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
More results

Similar Description - SMD32PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMD24PL-2A-SOD-123FL DGNJDZ-SMD24PL-2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD32PL-3A-SOD-123FL DGNJDZ-SMD32PL-3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD34PL-3A-SOD-123FL DGNJDZ-SMD34PL-3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD36PL-3A-SOD-123FL DGNJDZ-SMD36PL-3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD38PL-3A-SOD-123FL DGNJDZ-SMD38PL-3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD22PL.2A-SOD-123FL DGNJDZ-SMD22PL.2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
SMD32PL.3A-SOD-123FL DGNJDZ-SMD32PL.3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD34PL.3A-SOD-123FL DGNJDZ-SMD34PL.3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD38PL.3A-SOD-123FL DGNJDZ-SMD38PL.3A-SOD-123FL Datasheet
191Kb / 2P
3 Amp Schottky Barrier Diodes
SMD210PL.2A-SOD-123FL DGNJDZ-SMD210PL.2A-SOD-123FL Datasheet
191Kb / 2P
2 Amp Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com