Electronic Components Datasheet Search
  English  ▼

X  

VL53L0X Datasheet(PDF) 33 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 29Page - STMicroelectronics VL53L0X Datasheet HTML 30Page - STMicroelectronics VL53L0X Datasheet HTML 31Page - STMicroelectronics VL53L0X Datasheet HTML 32Page - STMicroelectronics VL53L0X Datasheet HTML 33Page - STMicroelectronics VL53L0X Datasheet HTML 34Page - STMicroelectronics VL53L0X Datasheet HTML 35Page - STMicroelectronics VL53L0X Datasheet HTML 36Page - STMicroelectronics VL53L0X Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DocID029104 Rev 1
33/40
VL53L0X
Packaging and labeling
37
8
Packaging and labeling
8.1
Product marking
A 2-line product marking is applied on the backside of the module (i.e. on the substrate).
The first line is the silicon product code, and the second line, the internal tracking code.
Figure 26. Example of marking
8.2
Inner box labeling
The labeling follows the ST standard packing acceptance specification.
The following information will be on the inner box label:
•
assembly site
•
sales type
•
quantity
•
trace code
•
marking
•
bulk ID number
8.3
Packing
At customer / subcontractor level, it is recommended to mount theVL53L0X in a clean
environment to avoid foreign material deposition.
To help avoid any foreign material contamination at phone assembly level the modules will
be shipped in a tape and reel format with a protective liner. The packaging will be vacuum-
sealed and include a desiccant.
The liner is compliant with reflow at 260°C. It must be removed during assembly of the
customer device, just before mounting the cover glass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40