Electronic Components Datasheet Search
  English  ▼

X  

SMD34PL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SMD34PL
Description  3 Amp Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMD34PL Datasheet(HTML) 2 Page - Nanjing International Group Co

  SMD34PL Datasheet HTML 1Page - Nanjing International Group Co SMD34PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD32PL~SMD310PL
MCC
www.mccsemi.com
0.01
0.1
1.5
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
SMD32PL~34PL
SMD36PL
T - 25ºC
J
I Pulse Width = 300 ms
F
0
1.0
2.0
25
50
75
100
125
150
T, LEAD TEMPERATURE (ºC)
L
Fig. 1 Forward Current Derating Curve
3.0
4.0
5.0
0
15
30
45
60
75
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
SMD38PL~310PL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com