Electronic Components Datasheet Search
  English  ▼

X  

ESD7331 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESD7331
Description  ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7331 Datasheet(HTML) 1 Page - ON Semiconductor

  ESD7331 Datasheet HTML 1Page - ON Semiconductor ESD7331 Datasheet HTML 2Page - ON Semiconductor ESD7331 Datasheet HTML 3Page - ON Semiconductor ESD7331 Datasheet HTML 4Page - ON Semiconductor ESD7331 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2017 − Rev. 0
1
Publication Order Number:
ESD7331/D
ESD7331
ESD Protection Diode
Micro−Packaged Diodes for ESD Protection
The ESD7331 is designed to protect voltage sensitive components
that require low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, the
part is well suited for use in high frequency designs such as USB 2.0
high speed applications.
Features
• Low Capacitance 0.4 pF (Typ)
• Low Clamping Voltage
• Small Body Outline Dimensions: 0.60 mm x 0.30 mm
• Low Body Height: 0.3 mm
• Stand−off Voltage: 3.3 V
• IEC61000−4−2 Level 4 ESD Protection
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• USB 2.0/3.0
• MHL 2.0
• eSATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±15
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
Thermal Resistance, Junction−to−Ambient
°PD°
RqJA
250
400
mW
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
See Application Note AND8308/D for further description of survivability specs.
Device
Package
Shipping†
ORDERING INFORMATION
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ESD7331MUT5G
X3DFN2
(Pb−Free)
15000 / Tape &
Reel
X3DFN2
CASE 152AF
MARKING
DIAGRAM
PIN 1
6
= Specific Device Code
(Rotated 180
°)
M
= Date Code
1
Cathode
2
Anode
M


Similar Part No. - ESD7331

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
ESD73002F WILLSEMI-ESD73002F Datasheet
614Kb / 8P
2-Lines, Uni-directional, Low Capacitance Transient Voltage Suppressor
ESD73002F-3/TR WILLSEMI-ESD73002F-3/TR Datasheet
614Kb / 8P
2-Lines, Uni-directional, Low Capacitance Transient Voltage Suppressor
ESD73004D WILLSEMI-ESD73004D Datasheet
687Kb / 7P
4-Lines, Uni-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD73004D-10/TR WILLSEMI-ESD73004D-10/TR Datasheet
687Kb / 7P
4-Lines, Uni-directional, Ultra-low Capacitance Transient Voltage Suppressors
logo
TECH PUBLIC Electronics...
ESD73004D-TP TECHPUBLIC-ESD73004D-TP Datasheet
1Mb / 5P
4-Line Uni-directional TVS Diode
More results

Similar Description - ESD7331

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com